Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22BL-2S-7.92C Datasheet(PDF) 6 Page - Hirose Electric

Part # DF22BL-2S-7.92C
Description  7.92mm Contact Pitch High-Current Connectors for Internal
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22BL-2S-7.92C Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF22BL-2S-7.92C Datasheet HTML 2Page - Hirose Electric DF22BL-2S-7.92C Datasheet HTML 3Page - Hirose Electric DF22BL-2S-7.92C Datasheet HTML 4Page - Hirose Electric DF22BL-2S-7.92C Datasheet HTML 5Page - Hirose Electric DF22BL-2S-7.92C Datasheet HTML 6Page - Hirose Electric DF22BL-2S-7.92C Datasheet HTML 7Page - Hirose Electric DF22BL-2S-7.92C Datasheet HTML 8Page - Hirose Electric DF22BL-2S-7.92C Datasheet HTML 9Page - Hirose Electric DF22BL-2S-7.92C Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DF22 Series
7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
No. of contacts
indicator
Cavity No.
9.3
A
1
BRecommended PCB Layout
(Board thickness : 1.6±0.1)
P=7.92±0.05
C±0.05
B±0.05
2-Ø1.6
+0.1
0
*-Ø1.5
+0.1
0
■Right Angle Header
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Every even number position has a different locking design.
Note 3 : Please contact Hirose representative if you have request for
non-standard Au plating.
Standard Type (Guide Key : Inside, Color : Natural Beige)
R Type (Guide Key : Right Side, Color : Black)
L Type (Guide Key : Left Side, Color : Red)
[specification number]
(05), (35) : Tin-copper plated
(06), (36) : Gold plated
Part No.
HRS No.
No. of Contacts
AB
C
Tin-copper plated Gold plated
DF22-2P-7.92DS(**) 680-1008-5 **
2
19.80 15.00
7.92
(35)
(36)
DF22-3P-7.92DS(**) 680-1009-8 **
3
27.72 22.92 15.84
(05)
(06)
DF22-4P-7.92DS(**) 680-1010-7 **
4
35.64 30.84 23.76
(05)
-----
DF22-5P-7.92DS(**) 680-1011-0 **
5
43.56 38.76 31.68
(05)
(06)
Part No.
HRS No.
No. of Contacts
AB
C
Tin-copper plated Gold plated
DF22R-2P-7.92DS(**) 680-1018-9 **
2
19.80 15.00
7.92
(05)
-----
DF22R-3P-7.92DS(**) 680-1019-1 **
3
27.72 22.92 15.84
(05)
(06)
DF22R-4P-7.92DS(**) 680-1020-0 **
4
35.64 30.84 23.76
(05)
-----
DF22R-5P-7.92DS(**) 680-1021-3 **
5
43.56 38.76 31.68
(05)
-----
Part No.
HRS No.
No. of Contacts
AB
C
Tin-copper plated Gold plated
DF22L-2P-7.92DS(**) 680-1022-6 **
2
19.80 15.00
7.92
(05)
(06)
DF22L-3P-7.92DS(**) 680-1023-9 **
3
27.72 22.92 15.84
(05)
(06)
DF22L-4P-7.92DS(**) 680-1024-1 **
4
35.64 30.84 23.76
(05)
-----
DF22L-5P-7.92DS(**) 680-1025-4 **
5
43.56 38.76 31.68
(05)
(06)
Standard Type (Guide Key : Inside, Color : Natural Beige)
Unit : mm
Part No.
HRS No.
No. of Contacts
AB
DF22A-1EP-7.92C
680-1053-0
1
9.30
-----
DF22A-2EP-7.92C
680-1054-2
2
18.00
7.92
DF22A-3EP-7.92C
680-1055-5
3
26.00
15.84
R Type (Guide Key : Right Side, Color : Black)
Unit : mm
Part No.
HRS No.
No. of Contacts
AB
DF22AR-2EP-7.92C
680-1069-0
2
18.00
7.92
DF22AR-3EP-7.92C
680-1070-9
3
26.00
15.84
Unit : mm
Unit : mm
Unit : mm
Shown with terminated
and contacts installed.
Shown with terminated
and contacts installed.
L Type (Guide Key : Left Side, Color : Red)
Unit : mm
Part No.
HRS No.
No. of Contacts
AB
DF22AL-2EP-7.92C
680-1074-0
2
18.00
7.92
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Every even number position has a different locking design.
■In-line Plug
1 Pos.
2, 3 Pos.
A
No. of contacts
indicator
Cavity No.
Polarity
mark
10.5
B
Contact No.1
3A
1
2
3
P=7.92
C
B
A
Contact No.1
No. of contacts
indicator
Cavity No.
1.2
1.6
3.7
5
5
A


Similar Part No. - DF22BL-2S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22BL-2S-7.92C HIROSE-DF22BL-2S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22BL-2S-7.92C HIROSE-DF22BL-2S-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22BL-2S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
logo
STMicroelectronics
L6788A STMICROELECTRONICS-L6788A Datasheet
334Kb / 18P
   High current internal drivers
July 2009 Rev 2
logo
ERNI Electronics
014317 ERNI-014317 Datasheet
48Kb / 1P
   High Current Male Contact
103100360001 ERNI-103100360001 Datasheet
50Kb / 1P
   High Current Female Contact
053312 ERNI-053312 Datasheet
50Kb / 1P
   High Current Male Contact
logo
Lumberg
458003OPT0.8 LUMBERG-458003OPT0.8 Datasheet
257Kb / 3P
   High-current contact elements
458003MPT2.0 LUMBERG-458003MPT2.0 Datasheet
261Kb / 3P
   High-current contact elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com