Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22L-4S-7.92C(28) Datasheet(PDF) 5 Page - Hirose Electric

Part # DF22L-4S-7.92C(28)
Description  7.92mm Contact Pitch High-Current Connectors for Internal
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22L-4S-7.92C(28) Datasheet(HTML) 5 Page - Hirose Electric

  DF22L-4S-7.92C(28) Datasheet HTML 1Page - Hirose Electric DF22L-4S-7.92C(28) Datasheet HTML 2Page - Hirose Electric DF22L-4S-7.92C(28) Datasheet HTML 3Page - Hirose Electric DF22L-4S-7.92C(28) Datasheet HTML 4Page - Hirose Electric DF22L-4S-7.92C(28) Datasheet HTML 5Page - Hirose Electric DF22L-4S-7.92C(28) Datasheet HTML 6Page - Hirose Electric DF22L-4S-7.92C(28) Datasheet HTML 7Page - Hirose Electric DF22L-4S-7.92C(28) Datasheet HTML 8Page - Hirose Electric DF22L-4S-7.92C(28) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DF22 Series
7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
BRecommended PCB Layout
(Board thickness : 1.6±0.1)
Cavity No.
No. of contacts
indicator
10.8
2.3
0.8
9.3
10.8
3.2
3.9
8.7
1
Cavity No.
No. of contacts
indicator
Polarity
mark
A
B
Ø1.5
3.45
0.8
4.35
1 Pos.
2-R0.5
2.5
+0.1
0
8.5
+0.1
--0.2
11.1±0.1
1 Pos.
2 to 5 Pos.
2 to 5 Pos.
■Straight Header
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Tray packaging (150 pcs/tray). Order by number of 150.
Note 3 : Every even number position has a different locking design.
Note 4 : Please contact Hirose representative if you have request for non-standard Au plating.
Standard Type (Guide Key : Inside, Color : Natural Beige)
R Type (Guide Key : Right Side, Color : Black)
L Type (Guide Key : Left Side, Color : Red)
[Specification number]
(05) : Tin-copper plated bag packaging
(25) : Tin-copper plated tray packaging (only 1 pos)
(06) : Gold plated, bag packaging
Unit : mm
Unit : mm
Unit : mm
Part No.
HRS No.
No. of Contacts
AB
Bag Packaging Tray Packaging Tin-copper plated Gold plated
DF22-1P-7.92DSA(**) 680-1013-5 **
1
-----
-----
-----
✓✓
-----
DF22-2P-7.92DSA(**) 680-1014-8 **
2
17.22 7.92
-----
✓✓
DF22-3P-7.92DSA(**) 680-1015-0 **
3
25.14 15.84
-----
✓✓
DF22-4P-7.92DSA(**) 680-1016-3 **
4
33.06 23.76
-----
-----
DF22-5P-7.92DSA(**) 680-1017-6 **
5
40.98 31.68
-----
-----
Part No.
HRS No.
No. of Contacts
AB
Bag Packaging Tray Packaging Tin-copper plated Gold plated
DF22R-1P-7.92DSA(**) 680-1036-0 **
1
-----
-----
-----
✓✓
-----
DF22R-2P-7.92DSA(**) 680-1037-3 **
2
17.22 7.92
-----
-----
DF22R-3P-7.92DSA(**) 680-1038-6 **
3
25.14 15.84
-----
-----
DF22R-4P-7.92DSA(**) 680-1039-9 **
4
33.06 23.76
-----
-----
DF22R-5P-7.92DSA(**) 680-1040-8 **
5
40.98 31.68
-----
-----
Part No.
HRS No.
No. of Contacts
AB
Bag Packaging Tray Packaging Tin-copper plated Gold plated
DF22L-1P-7.92DSA(**) 680-1041-0 **
1
-----
-----
-----
✓✓
-----
DF22L-2P-7.92DSA(**) 680-1042-3 **
2
17.22 7.92
-----
-----
DF22L-3P-7.92DSA(**) 680-1043-6 **
3
25.14 15.84
-----
-----
DF22L-4P-7.92DSA(**) 680-1044-9 **
4
33.06 23.76
-----
-----
DF22L-5P-7.92DSA(**) 680-1045-1 **
5
40.98 31.68
-----
-----


Similar Part No. - DF22L-4S-7.92C(28)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22L-4S-7.92C HIROSE-DF22L-4S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-4S-7.92C HIROSE-DF22L-4S-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-4S-7.92C28 HIROSE-DF22L-4S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
More results

Similar Description - DF22L-4S-7.92C(28)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
logo
STMicroelectronics
L6788A STMICROELECTRONICS-L6788A Datasheet
334Kb / 18P
   High current internal drivers
July 2009 Rev 2
logo
ERNI Electronics
014317 ERNI-014317 Datasheet
48Kb / 1P
   High Current Male Contact
103100360001 ERNI-103100360001 Datasheet
50Kb / 1P
   High Current Female Contact
053312 ERNI-053312 Datasheet
50Kb / 1P
   High Current Male Contact
logo
Lumberg
458003OPT0.8 LUMBERG-458003OPT0.8 Datasheet
257Kb / 3P
   High-current contact elements
458003MPT2.0 LUMBERG-458003MPT2.0 Datasheet
261Kb / 3P
   High-current contact elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com