Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF13-2P-1.25DS(20) Datasheet(PDF) 4 Page - Hirose Electric

Part # DF13-2P-1.25DS(20)
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-2P-1.25DS(20) Datasheet(HTML) 4 Page - Hirose Electric

  DF13-2P-1.25DS(20) Datasheet HTML 1Page - Hirose Electric DF13-2P-1.25DS(20) Datasheet HTML 2Page - Hirose Electric DF13-2P-1.25DS(20) Datasheet HTML 3Page - Hirose Electric DF13-2P-1.25DS(20) Datasheet HTML 4Page - Hirose Electric DF13-2P-1.25DS(20) Datasheet HTML 5Page - Hirose Electric DF13-2P-1.25DS(20) Datasheet HTML 6Page - Hirose Electric DF13-2P-1.25DS(20) Datasheet HTML 7Page - Hirose Electric DF13-2P-1.25DS(20) Datasheet HTML 8Page - Hirose Electric DF13-2P-1.25DS(20) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
B245
DF13 Series
1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Single Row Straight Pin Header (Through hole)
■Single Row Right Angle Pin Header (Through hole)
●Board Through-hole Diameter:Ø0.6±0.03
●Board Through-hole Diameter:Ø0.6±0.03
[Specific No.] (
**), **
Blank : Tin plated
(20) : Tin plated, tube packaging
[Specific No.] (
**), **
(20) : Tin plated tube packaging
5
BTube Dimensions
BTube Dimensions
115
89
72
61
52
46
41
Yes
Yes
Tube Packaging Quantity RoHS
RoHS
37
34
31
29
25
23
Tube Packaging Quantity
Note 1.Order the tube packaging product, multiplying the tube packaging quantity.
Unit : mm
Part No.
HRS No.
DF13-2P-1.25DS(
20)
DF13-3P-1.25DS(
20)
DF13-4P-1.25DS(
20)
DF13-5P-1.25DS(
20)
DF13-6P-1.25DS(
20)
DF13-7P-1.25DS(
20)
DF13-8P-1.25DS(
20)
536-0151-7
20
536-0152-0
20
536-0153-2
20
536-0154-5
20
536-0155-8
20
536-0156-0
20
536-0157-3
20
2
3
4
5
6
7
8
1.25
2.50
3.75
5.00
6.25
7.50
8.75
4.15
5.40
6.65
7.90
9.15
10.40
11.65
No. of Contacts
A
B
Part No.
HRS No.
DF13- 9P-1.25DS(
20)
DF13-10P-1.25DS(
20)
DF13-11P-1.25DS(
20)
DF13-12P-1.25DS(
20)
DF13-14P-1.25DS(
20)
DF13-15P-1.25DS(
20)
536-0158-6
20
536-0159-9
20
536-0160-8
20
536-0161-0
20
536-0163-6
20
536-0164-9
20
9
10
11
12
14
15
10.00
11.25
12.50
13.75
16.25
17.50
12.90
14.15
15.40
16.65
19.15
20.40
No. of Contacts
A
B
115
89
72
61
52
46
41
Yes
Yes
Tube Packaging Quantity RoHS
RoHS
37
34
31
29
27
25
23
Tube Packaging Quantity
Note 1. The quantity at the specific No."None" is delivered per bag (100 pcs.). If needed, please select and order the products per bag.
Note 2. Order the tube packaging product, multiplying the tube packaging quantity.
Unit: mm
Part No.
HRS No.
DF13-2P-1.25DSA(**)
DF13-3P-1.25DSA(**)
DF13-4P-1.25DSA(**)
DF13-5P-1.25DSA(**)
DF13-6P-1.25DSA(**)
DF13-7P-1.25DSA(**)
DF13-8P-1.25DSA(**)
536-0101-9 **
536-0102-1 **
536-0103-4 **
536-0104-7 **
536-0105-0 **
536-0106-2 **
536-0107-5 **
2
3
4
5
6
7
8
1.25
2.50
3.75
5.00
6.25
7.50
8.75
4.15
5.40
6.65
7.90
9.15
10.40
11.65
No. of Contacts
A
B
Part No.
HRS No.
DF13- 9P-1.25DSA(
**)
DF13-10P-1.25DSA(
**)
DF13-11P-1.25DSA(
**)
DF13-12P-1.25DSA(
**)
DF13-13P-1.25DSA(
**)
DF13-14P-1.25DSA(
**)
DF13-15P-1.25DSA(
**)
536-0108-8 **
536-0109-0 **
536-0110-0 **
536-0111-2 **
536-0112-5 **
536-0113-8 **
536-0114-0 **
9
10
11
12
13
14
15
10.00
11.25
12.50
13.75
15.00
16.25
17.50
12.90
14.15
15.40
16.65
17.90
19.15
20.40
No. of Contacts
A
B


Similar Part No. - DF13-2P-1.25DS(20)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-2P-1.25DS HIROSE-DF13-2P-1.25DS Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-2P-1.25DSA HIROSE-DF13-2P-1.25DSA Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13-2P-1.25DS(20)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com