Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5203 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HFBR-5203
Description  ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5203 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5203 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Electromagnetic Interference
(EMI)
Most equipment designs utilizing
these high speed transceivers
from Agilent will be required to
meet the requirements of FCC in
the United States, CENELEC
EN55022 (CISPR 22) in Europe
and VCCI in Japan.
These products are suitable for
use in designs ranging from a
desktop computer with a single
transceiver to a concentrator or
switch product with large number
of transceivers.
In all well-designed chassis, the
two 0.5" holes required for ST
connectors to protrude through,
will provide 4.6 dB more
shielding than one 1.2" duplex SC
rectangular cutout. Thus, in a
well-designed chassis, the duplex
ST 1x9 transceiver emissions will
be identical to the duplex SC 1x9
transceiver emissions.
Immunity
Equipment utilizing these trans-
ceivers will be subject to radio-
frequency electromagnetic fields
in some environments. These
transceivers have a high immunity
to such fields.
For additional information regard-
ing EMI, susceptibility, ESD and
conducted noise testing proce-
dures and results on the 1x9
transceiver family, please refer to
Applications Note 1075, Testing
and Measuring Electro-
magnetic Compatibility
Performance of the HFBR-
510X/-520X Fiber Optic
Transceivers.
25.4
42.0
24.8
9.53
(NOTE 1)
39.12
6.79
25.4
12.09
11.1
0.75
12.0
0.51
NOTE 1: MINIMUM DISTANCE FROM FRONT
OF CONNECTOR TO THE PANEL FACE.
Figure 8a. Recommended Common Mechanical Layout for ST and ST 1x9
Connectored Transceivers.


Similar Part No. - HFBR-5203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR-5203T HP-HFBR-5203T Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5805 HP-HFBR-5805 Datasheet
251Kb / 14P
   HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
logo
Delta Electronics, Inc.
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com