Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM-105 Datasheet(PDF) 5 Page - Hirose Electric

Part # CM-105
Description  Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CM-105 Datasheet(HTML) 5 Page - Hirose Electric

  CM-105 Datasheet HTML 1Page - Hirose Electric CM-105 Datasheet HTML 2Page - Hirose Electric CM-105 Datasheet HTML 3Page - Hirose Electric CM-105 Datasheet HTML 4Page - Hirose Electric CM-105 Datasheet HTML 5Page - Hirose Electric CM-105 Datasheet HTML 6Page - Hirose Electric CM-105 Datasheet HTML 7Page - Hirose Electric CM-105 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DF57 SeriesLow Profile “Swing-Lock” Board to Wire Connector for Power
[Specification number](**) ,**
Blank: Color: White, 1,000 pcs/pack
(15): Color: Black, 1,000 pcs/pack
■Crimp socket
Above image is 3 pos.
Unit : mm
Part No.
No. of contacts
H
J
DF57H-4P-1.2V(21)
4
16
7.5
DF57H-5P-1.2V(21)
5
16
7.5
DF57H-6P-1.2V(21)
6
24
11.5
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
D
EF
DF57H-2S-1.2C(**)
666-0100-6 **
2
3.5
2.98
2.6
3.2
1.2
1.2
DF57H-3S-1.2C(**)
666-0012-0 **
3
4.7
4.18
3.8
4.4
2.4
1.2
DF57H-4S-1.2C(**)
666-0101-9 **
4
5.9
5.38
5.0
5.6
3.6
1.2
DF57H-5S-1.2C(**)
666-0102-1 **
5
7.1
6.58
6.2
6.8
4.8
1.2
DF57H-6S-1.2C(**)
666-0103-4 **
6
8.3
7.78
7.4
8.0
6.0
1.2
Note 1.The quantity is delivered per pack (1,000 pcs.). Order by number of pack.
■Socket for AWG#26
Unit : mm
Part No.
HRS No.
No. of contacts
ABCDEF
Color
DF57AH-5S-1.2C
666-0110-0 00
5
7.1
6.58
6.2
6.8
4.8
1.4
Black
DF57AH-6S-1.2C
666-0111-2 00
6
8.3
7.78
7.4
8.0
6.0
1.4
Note 1.The quantity is delivered per pack (1,000 pcs.). Order by number of pack.
●Packaging Specification


Similar Part No. - CM-105

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CM-105 HIROSE-CM-105 Datasheet
2Mb / 22P
   MAIN UNIT OF CRIMPING MACHINE
CM-105 HIROSE-CM-105 Datasheet
205Kb / 4P
   Crimp Contact for Direct Joining Thick Wire PCB
CM-105 HIROSE-CM-105 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
CM-105 HIROSE-CM-105 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
CM-105 HIROSE-CM-105 Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - CM-105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
logo
Molex Electronics Ltd.
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333481 MOLEX1-5054333481 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com