Selected language     English  ▼


TDA4867J Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA4867J
Description  Full bridge current driven vertical deflection booster
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
2003 Feb 05
7
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical
deflection booster
TDA4867J
Notes
1. If VFB is between 40 and 60 V a decoupling capacitor CFB =22 µF (between pin VFB and pin GND) and a resistor
RFB = 100 Ω (between pin VFB and flyback supply voltage) are required (see Fig.6).
2. Differential input current Ii(dif) =IINP − IINN.
3. Input resistance is 500
Ω.
4. Required VP depends on the impedance of the deflection yoke.
5. Deviation of the output slope at a constant input slope.
Flyback generator
IFB(p-p)
maximum current during flyback on
pin VFB (peak-to-peak value)
−−
2.5
A
VFB-OUTA
voltage drop during flyback between
pin VFB and pin OUTA
reverse
Idefl = −0.7 A
−−2.6
−3V
Idefl = −1.25 A
−−3.1
−3.9
V
forward
Idefl = 0.7 A
5.2
6.1
V
Idefl = 1.25 A
5.7
6.9
V
Vth(OUTA)
switch-on threshold voltage on
pin OUTA
VP − 1
VP +1
V
Guard circuit (pin GUARD)
VGUARD
output voltage
guard on;
IGUARD = −5mA
56
V
guard off; IGUARD =0
−−
0.4
V
IGUARD
output current
guard on;
VGUARD >5V
−5
−−
mA
Vext
external voltage
for guard function
0
6.5
V
for power save mode;
IGUARD = 0.5 mA
8.2
9.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA8354QFull bridge current driven vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8359JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8357JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8358JFull bridge vertical deflection output circuit in LVDMOS with east-west amplifier 1 2 3 4 5 MoreNXP Semiconductors
GWM160-0055P3Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1 2 3 IXYS Corporation
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl