Selected language     English  ▼


TDA4867 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4867
Description  Full bridge current driven vertical deflection booster
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
2003 Feb 05
6
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical
deflection booster
TDA4867J
THERMAL CHARACTERISTICS
Note
1. To minimize the thermal resistance from mounting base to heatsink [Rth(mb-h)] follow the recommended mounting
instruction: screw mounting preferred; torque = 40 Ncm; use heatsink compound; isolation plate increases Rth(mb-h).
CHARACTERISTICS
VP = 12 V; Tamb =25 °C; VFB = 40 V; voltages referenced to ground (pin GND); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-mb)
thermal resistance from junction to mounting base
note 1
4
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC supplies (pins VP and VFB)
VP
supply voltage
8.2
25
V
VFB
flyback supply voltage
note 1
VP +6
60
V
Iq(FB)
quiescent flyback current
no load; no signal
2.5
4
mA
Iq(P)
quiescent supply current
Idefl =0
80
130
mA
Input stage (pins INP, INN and FEEDB)
Ii(dif)
differential input current
note 2
−±500
±600
µA
Ii(dif)(offset)
differential input offset current
[Ii(dif)(offset) =IINP − IINN]
Idefl = 0; Rref =3kΩ;
Rm =1 Ω
0
−±20
µA
IINP, IINN
single-ended input current
0
±300
±600
µA
Vclamp(INP)
input clamp voltage on pin INP
IINP =IINN = 0; note 3
2.7
3.0
3.3
V
Vclamp(INN)
input clamp voltage on pin INN
IINP =IINN = 0; note 3
2.7
3.0
3.3
V
IFEEDB
feedback current
−±250
±300
µA
VFEEDB
feedback voltage
1
VP − 1V
Output stages (pins OUTA and OUTB)
Idefl(p-p)
deflection current (peak-to-peak value)
0.6
2.5
A
IOUTA, IOUTB
output current
±0.3
−±1.25
A
Vsat(OUTA-GND) saturation voltage pin OUTA to
pin GND
IOUTA = 0.7 A
1.1
1.3
V
IOUTA = 1.25 A; note 4
1.6
1.8
V
Vsat(VP-OUTA)
saturation voltage pin VP to pin OUTA
IOUTA = 0.7 A
2.1
2.7
V
IOUTA = 1.25 A; note 4
2.8
3.4
V
Vsat(OUTB-GND) saturation voltage pin OUTB to
pin GND
IOUTB = 0.7 A
1.1
1.3
V
IOUTB = 1.25 A; note 4
1.6
1.8
V
Vsat(VP-OUTB)
saturation voltage pin VP to pin OUTB
IOUTB = 0.7 A
1.0
1.4
V
IOUTB = 1.25 A; note 4
1.6
2.0
V
LE
linearity error
Idefl = ±0.7 A; note 5
−−
2%
VOUTA, VOUTB
DC output voltage
Ii(dif) = 0; closed loop
5.1
5.7
6.3
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA8354QFull bridge current driven vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8359JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8357JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8358JFull bridge vertical deflection output circuit in LVDMOS with east-west amplifier 1 2 3 4 5 MoreNXP Semiconductors
GWM160-0055P3Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1 2 3 IXYS Corporation
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl