Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21Q50L Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS21Q50L
Description  Quad E1 Transceiver
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21Q50L Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS21Q50L Datasheet HTML 3Page - Maxim Integrated Products DS21Q50L Datasheet HTML 4Page - Maxim Integrated Products DS21Q50L Datasheet HTML 5Page - Maxim Integrated Products DS21Q50L Datasheet HTML 6Page - Maxim Integrated Products DS21Q50L Datasheet HTML 7Page - Maxim Integrated Products DS21Q50L Datasheet HTML 8Page - Maxim Integrated Products DS21Q50L Datasheet HTML 9Page - Maxim Integrated Products DS21Q50L Datasheet HTML 10Page - Maxim Integrated Products DS21Q50L Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
DS21Q50
7 of 87
Note: This data sheet assumes a particular nomenclature of the E1 operating environment. In each 125µs
frame, there are 32 8-bit time slots numbered 0 to 31. Time slot 0 is transmitted first and received first.
These 32 time slots are also referred to as channels with a numbering scheme of 1 to 32. Time slot 0 is
identical to channel 1; time slot 1 is identical to channel 2; and so on. Each time slot (or channel) is made
up of eight bits that are numbered 1 to 8. Bit number 1, MSB, is transmitted first. Bit number 8, the LSB,
is transmitted last. The term “locked” is used to refer to two clock signals that are phase-locked or
frequency-locked or derived from a common clock (i.e., a 8.192MHz clock can be locked to a 2.048MHz
clock if they share the same 8kHz component). Throughout this data sheet, the following abbreviations
are used:
NAME
FUNCTION
FAS
Frame Alignment Signal
CAS
Channel Associated Signaling
MF
Multiframe
Si
International bits
CRC4
Cyclical Redundancy Check
CCS
Common Channel Signaling
Sa
Additional bits
E-Bit
CRC4 Error Bits
LOC
Loss of Clock
TCLK
This generally refers to the transmit rate clock and can reference an actual input
signal to the device (TCLK) or an internally derived signal used for transmission.
RCLK
This generally refers to the recovered network clock and can be a reference to an
actual output signal from the device or an internal signal.


Similar Part No. - DS21Q50L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
DS21Q552 MAXIM-DS21Q552 Datasheet
167Kb / 13P
   Low Power 5V CMOS or Low Power 3.3V CMOS with 5V Tolerant Input & Outputs
December 29, 1998
DS21Q554 MAXIM-DS21Q554 Datasheet
167Kb / 13P
   Low Power 5V CMOS or Low Power 3.3V CMOS with 5V Tolerant Input & Outputs
December 29, 1998
DS21Q55DK MAXIM-DS21Q55DK Datasheet
1Mb / 32P
   Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 110106
More results

Similar Description - DS21Q50L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q59 MAXIM-DS21Q59_V01 Datasheet
657Kb / 76P
   E1 Quad Transceiver
REV: 090104
logo
Dallas Semiconductor
DS21Q58 DALLAS-DS21Q58 Datasheet
647Kb / 74P
   E1 Quad Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 102106
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
   QUAD T1/E1/J1 Transceiver
logo
PMC-Sierra, Inc
PM6341 PMC-PM6341 Datasheet
42Kb / 2P
   E1 TRANSCEIVER
logo
Maxim Integrated Produc...
DS21458DK MAXIM-DS21458DK Datasheet
1Mb / 32P
   Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 012506
logo
Integrated Device Techn...
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com