Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1393116-1 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 7-1393116-1
Description  Optional indicator lamp and push-to-test button
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393116-1 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  7-1393116-1 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393116-1 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393116-1 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393116-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
03-2015, Rev. 0315
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KUMP Series Panel Plug-in Relay (Continued)
Product Code
Arrangement
Material
Coil
Terminals
Mounting
Part Number
KUMP-11A18-24
2 form C; 2 CO
AgCdO
24 VAC
4.75mm (.187in) QC
Socket mount, plain case
6-1393116-3
KUMP-11A18-120
120 VAC
6-1393116-2
KUMP-11A18-240
240 VAC
6-1393116-4
KUMP-11D18-12
12 VDC
7-1393116-1
KUMP-11D18-24
24 VDC
7-1393116-2
KUMP-11D18-110
110 VDC
7-1393116-0
KUMP-14A18-24
3 form C, 3 CO
24 VAC
8-1393116-5
KUMP-14A18-120
120 VAC
8-1393116-4
KUMP-14D18-12
12 VDC
9-1393116-0
KUMP-14D18-24
24 VDC
9-1393116-1
Product code structure
Typical product code
KUMP -11
A
1
8
-120
Type
KUM 15A open style relay
KUMP 15A enclosed relay
Contact arrangement
1
1 form A (1 NO)
2
1 form B (1 NC)
3 1 form X (1 NO-DM)
4
1 form Y (1 NC-DB)
5
1 form C (1 CO)
6 1 form Z (1 CO-DB-DM)
7
2 form A (2 NO)
8
2 form B (2 NC)
11 2 form C (2 CO)
12 3 form A (3 NO)
13 3 form B (3 NC)
14 3 form C (3 CO)
Coil Input
A AC, 50/60Hz
D DC
Mounting and options
KUM
1
#6-32 mounting stud, 5.54mm (.218in) locating tab
2
2-hole bracket, #6-32 tapped
3
#6-32 tapped core, 3.18mm (.125in) locating tab
4
#6-32 tapped core, 5.54mm (.218in) locating tab
5
#6-32 tapped core, no locating tab
KUMP
1
Socket mount (plain) case
2
Socket mount (plain) case with push-to-test button
3
Socket mount (plain) case with indicator lamp1)
4
Socket mount (plain) case with indicator lamp and push-to-test button1)
5
Bracket mount case
6
Bracket mount case with push-to-test button
7
Bracket mount case with indicator lamp1)
8
Bracket mount case with indicator lamp and push-to-test button1)
9
Plain case with #6-32 stud and locating tab on end of case
A Plain case with #6-32 stud and locating tab
B Plain case with #6-32 stud and locating tab, push-to-test button
C Plain case with #6-32 stud and locating tab, indicator lamp1)
D Plain case with #6-32 stud and locating tab, push-to-test button and indicator lamp1)
E Plain case with #6-32 tapped core and locating tab
F
Plain case with #6-32 tapped core and locating tab, push-to-test button
G Plain case with #6-32 tapped core and locating tab, indicator lamp1)
H Plain case with #6-32 tapped core and locating tab, push-to-test button and indicator lamp1)
T
Top flange case
1) Indicator lamps are available on models with the following coils: 6-24VAC and VDC, 110VDC and 120-240VAC.
Only models with 120-240VAC coils are UL recognized.
Terminal and contact material
6
5.21mm (.205in) quick connect/solder; AgCdO
8
4.75mm (.187in) quick connect/solder; AgCdO
9
1.19mm (.047in) PCB, AgCdO
G 6.35mm (.250in) quick connect/solder; AgCdO 2)
R 5.21mm (.205in) quick connect/solder; AgSnOInO
T
4.75mm (.187in) quick connect/solder; AgSnOInO
U 1.19mm (.047in) PCB, AgSnOInO
V 6.35mm (.250in) quick connect/solder; AgSnOInO 2)
2) 6.35mm (.250in) quick connect/solder terminals are not available on 3 pole relays
Coil voltage
Coil code: please refer to coil versions table


Similar Part No. - 7-1393116-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-1393114-0 TEC-7-1393114-0 Datasheet
317Kb / 3P
   Side flange and top flange mounting
7-1393114-1 TEC-7-1393114-1 Datasheet
317Kb / 3P
   Side flange and top flange mounting
7-1393114-2 TEC-7-1393114-2 Datasheet
317Kb / 3P
   Side flange and top flange mounting
7-1393114-3 TEC-7-1393114-3 Datasheet
317Kb / 3P
   Side flange and top flange mounting
7-1393114-7 TEC-7-1393114-7 Datasheet
317Kb / 3P
   Side flange and top flange mounting
More results

Similar Description - 7-1393116-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RM-C TEC-RM-C Datasheet
274Kb / 3P
   Push-to-test button
logo
Chicago Miniature Lamp,...
1927X35X CML-1927X35X Datasheet
443Kb / 1P
   LED Indicator 14mm Standard Bezel Lamp Test Facility
logo
WAGO Kontakttechnik Gmb...
2202-1674 WAGO-2202-1674 Datasheet
966Kb / 19P
   2-conductor disconnect/test terminal block; with push-button
24.11.2021
2202-1672 WAGO-2202-1672 Datasheet
940Kb / 17P
   2-conductor disconnect/test terminal block; with push-button
24.11.2021
logo
Elektron Components Ltd...
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
   Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
   Push Button
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
   Push Button
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
   Miniature Toggle and Push Button Switches
logo
Chicago Miniature Lamp,...
1927X25X CML-1927X25X Datasheet
443Kb / 1P
   LED Indicator 14mm Standard Bezel with Lamp Test Facility
logo
Molex Electronics Ltd.
1301270003 MOLEX1-1301270003_17 Datasheet
39Kb / 1P
   Super-Safeway Three Wire GFCI Circuit Tester, 3 Indicating Lights, Push to Test Button
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com