Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2151 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2151
Description  T1 Single-Chip Transceiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2151 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2151 Datasheet HTML 1Page - Dallas Semiconductor DS2151 Datasheet HTML 2Page - Dallas Semiconductor DS2151 Datasheet HTML 3Page - Dallas Semiconductor DS2151 Datasheet HTML 4Page - Dallas Semiconductor DS2151 Datasheet HTML 5Page - Dallas Semiconductor DS2151 Datasheet HTML 6Page - Dallas Semiconductor DS2151 Datasheet HTML 7Page - Dallas Semiconductor DS2151 Datasheet HTML 8Page - Dallas Semiconductor DS2151 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
DS2151Q
5 of 51
PIN
SYMBOL
TYPE
DESCRIPTION
19
ACLKI
I
Alternate Clock Input. Upon a receive carrier loss, the clock applied at
this pin (normally 1.544 MHz) will be routed to the RCLK pin. If no
clock is routed to this pin, then it should be tied to DVSS VIA A1K Ohm
RESISTOR.
20
BTS
I
Bus Type Select. Strap high to select Motorola bus timing; strap low to
select Intel bus timing. This pin controls the function of the RD (DS),
ALE(AS), and WR (R/ W ) pins. If BTS=1, then these pins assume the
function listed in parenthesis ().
21
22
RTIP
RRING
-
Receive Tip and Ring.
Analog inputs for clock recovery circuitry;
connects to a 1:1 transformer (see Section 12 for details).
23
RVDD
-
Receive Analog Positive Supply. 5.0 volts. Should be tied to DVDD
and TVDD pins.
24
RVSS
-
Receive Signal Ground. 0.0 volts. Should be tied to local ground plane
25
26
XTAL1
XTAL2
-
Crystal Connections. A pullable 6.176 MHz crystal must be applied to
these pins. See Section 12 for crystal specifications.
27
INT1
O
Receive Alarm Interrupt 1.
Flags host controller during alarm
conditions defined in Status Register 1. Active low, open drain output.
28
INT2
O
Receive Alarm Interrupt 2.
Flags host controller during conditions
defined in Status Register 2. Active low, open drain output.
29
TTIP
-
Transmit Tip.
Analog line driver output; connects to a step-up
transformer (see Section 12 for details).
30
TVSS
-
Transmit Signal Ground. 0.0 volts. Should be tied to local ground
plane.
31
TVDD
-
Transmit Analog Positive Supply. 5.0 volts. Should be tied to DVDD
and RVDD pins.
32
TRING
-
Transmit Ring.
Analog line driver outputs; connects to a step-up
transformer (see Section 12 for details).
33
TCHBLK
O
Transmit Channel Block.
A user programmable output that can be
forced high or low during any of the 24 T1 channels. Useful for blocking
clocks to a serial UART or LAPD controller in applications where not all
T1 channels are used such as Fractional T1, 384k bps service, 768k bps,
or ISDN-PRI.
Also useful for locating individual channels in drop-and-
insert applications. See Section 13 for timing details.
34
TLCLK
O
Transmit Link Clock. 4 kHz or 2 kHz (ZBTSI) demand clock for the
TLINK input. See Section 13 for timing details.
35
TLINK
I
Transmit Link Data. If enabled via TCR1.2, this pin will be sampled
during the F-bit time on the falling edge of TCLK for data insertion into
either the FDL stream (ESF) or the Fs bit position (D4) or the Z-bit
position (ZBTSI). See Section 13 for timing details.
36
TSYNC
I/O
Transmit Sync.
A pulse at this pin will establish either frame or
multiframe boundaries for the DS2151Q. Via TCR2.2, the DS2151Q can
be programmed to output either a frame or multiframe pulse at this pin. If
this pin is set to output pulses at frame boundaries, it can also be set via
TCR2.4 to output double-wide pulses at signaling frames. See Section 13
for timing details.
37
DVDD
-
Digital Positive Supply. 5.0 volts. Should be tied to RVDD and TVDD
pins.


Similar Part No. - DS2151

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
   T1 Single-Chip Transceiver
REV: 011706
DS2151Q++ MAXIM-DS2151Q+ Datasheet
626Kb / 60P
   T1 Single-Chip Transceiver
REV: 011706
DS2151QN MAXIM-DS2151QN Datasheet
626Kb / 60P
   T1 Single-Chip Transceiver
REV: 011706
DS2151QN++ MAXIM-DS2151QN+ Datasheet
626Kb / 60P
   T1 Single-Chip Transceiver
REV: 011706
More results

Similar Description - DS2151

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
   T1 Single-Chip Transceiver
REV: 011706
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
   Enhanced T1 Single-Chip Transceiver
REV: 011706
logo
Dallas Semiconductor
DS2152 DALLAS-DS2152 Datasheet
1,003Kb / 94P
   Enhanced T1 Single-Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com