Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1994L-F5 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1994L-F5
Description  1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1994L-F5 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1994L-F5 Datasheet HTML 5Page - Dallas Semiconductor DS1994L-F5 Datasheet HTML 6Page - Dallas Semiconductor DS1994L-F5 Datasheet HTML 7Page - Dallas Semiconductor DS1994L-F5 Datasheet HTML 8Page - Dallas Semiconductor DS1994L-F5 Datasheet HTML 9Page - Dallas Semiconductor DS1994L-F5 Datasheet HTML 10Page - Dallas Semiconductor DS1994L-F5 Datasheet HTML 11Page - Dallas Semiconductor DS1994L-F5 Datasheet HTML 12Page - Dallas Semiconductor DS1994L-F5 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS1992/DS1993
9of 9
MEMORY FUNCTION EXAMPLES
Example: Write two data Bytes to memory locations 0026h and 0027h (the seventh and eighth Bytes of
page 1). Read entire memory.
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
Reset
Reset pulse (480
ms to 960ms)
RX
Presence
Presence pulse
TX
CCh
Issue skip ROM command
TX
0Fh
Issue write scratchpad command
TX
26h
TA1, beginning offset = 6
TX
00h
TA2, address = 0026h
TX
<2 data Bytes>
Write 2 Bytes of data to scratchpad
TX
Reset
Reset pulse
RX
Presence
Presence pulse
TX
CCh
Issue skip ROM command
TX
Aah
Issue read scratchpad command
RX
26h
Read TA1, beginning offset = 6
RX
00h
Read TA2, address = 0026h
RX
07h
Read E/S, ending offset = 7, flags = 0
RX
<2 data Bytes>
Read scratchpad data and verify
TX
Reset
Reset pulse
RX
Presence
Presence pulse
TX
CCh
Issue skip ROM command
TX
55h
Issue copy scratchpad command
TX
26h
TX
00h
TX
07h
TA1
TA2 AUTHORIZATION CODE
E/S
TX
Reset
Reset pulse
RX
Presence
Presence pulse
TX
CCh
Issue skip ROM command
TX
F0h
Issue read memory command
TX
00h
TA1, beginning offset = 6
TX
00h
TA2, address = 0000h
RX
<128 Bytes (DS1992)>
<512 Bytes (DS1993)>
Read entire memory
TX
Reset
Reset pulse
RX
Presence
Presence pulse, done


Similar Part No. - DS1994L-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1994L-F5 DALLAS-DS1994L-F5 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
logo
Maxim Integrated Produc...
DS1994L-F5++ MAXIM-DS1994L-F5+ Datasheet
634Kb / 23P
   4Kb Plus Time Memory iButton®
11/09
More results

Similar Description - DS1994L-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1996 DALLAS-DS1996 Datasheet
321Kb / 18P
   64kbit Memory iButtonTM
DS9092R DALLAS-DS9092R Datasheet
59Kb / 2P
   iButtonTM Port
DS9094 DALLAS-DS9094 Datasheet
59Kb / 1P
   iButtonTM Clip
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
   Dual Port Memory Plus Time
logo
Ramtron International C...
WM71004-6-NF1 RAMTRON-WM71004-6-NF1 Datasheet
173Kb / 3P
   4Kbit Wireless Memory Inlay
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
   4Kb Plus Time Memory iButton®
11/09
logo
Dallas Semiconductor
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
   16-kbit Memory iButton
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
   16-kbit Add-Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com