Electronic Components Datasheet Search |
|
4-1393210-8 Datasheet(PDF) 2 Page - TE Connectivity Ltd |
|
4-1393210-8 Datasheet(HTML) 2 Page - TE Connectivity Ltd |
2 / 4 page General Purpose Relays Power Relays T9A Series, DC Coil 30A PCB or Panel Mount Relay (Continued) 09-2015, Rev. 0815 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 Potter & Brumfield Insulation Data Initial dielectric strength between open contacts 1500Vrms between contact and coil 2500Vrms Initial surge withstand voltage between contact and coil 6kV Initial insulation resistance between insulated elements 1x109Ω Clearance/creepage between contact and coil 3.18mm clearance/6.3638mm Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature DC coil -55ºC to 85ºC 3) 105°C models available Category of environmental protection IEC 61810 RT0 - open, RTI - dust protected, RTII - flux proof, RTIII - wash tight Vibration resistance (functional) 1.65mm max excursions, 10-55 Hz Shock resistance (functional) 10g for 11msec Shock resistance (destructive) 100g Terminal type pcb-tht and pcb-tht + quick connect Weight 26g mounting code 1 33g mounting codes 2 and 5 Resistance to soldering heat THT IEC 60068-2-20 250°C Packaging/unit tray/50 pcs., bundle/250 pcs., box/500 pcs. 3) Operating ambient temperature must consider “Must Operate Voltage Change Over Temperature,” Contact Temperature Rise, Coil Temperature Rise (If coil is not allowed to cool) and Maximum Coil Temperature. Specification ambient considers 20A load with coil cooled to ambient. Coil Data (continued) Ambient temperature vs. coil voltage – 1W coil Data below are average values and should be verified in application. Tests were conducted within a 2’ (.6 m) cube (still air); at nominal coil power @ 25°C; with normally open contact loaded; and with 4’ (1.22 m) long, #10 AWG load wires. P.C. board relays were mounted to a 30A, single side P.C. board. Coil rise test conducted with a 30A PC board to maintain 20°C max. rize at 30°C. The relay connections and wiring must be designed with an adequate cross section to ensure proper current flow and heat dissipation. 2) Remove knock-off nib after cleaning process for optimum life of wash-tight relays. 0 20 40 60 80 100 120 140 180 160 140 120 100 80 60 Wash-Tight Relay, Vented (2, Load Connections Via Q.C. Terminals, PC Mount 0A 10A 20A 30A Applied Coil Voltage (% of Rated Voltage) 40 60 80 100 120 140 180 160 140 120 100 80 60 Dust Protected Relay, Flange Mount 0A 10A 20A 30A Applied Coil Voltage (% of Rated Voltage) 0 20 40 60 80 100 120 140 180 160 140 120 100 80 60 0A 10A 20A 30A Wash-Tight Relay, Vented (2 PC Terminals For Coil & Contacts Applied Coil Voltage (% of Rated Voltage) Dimensions T9AS – Mounting and termination code 2 T9AP – Mounting and termination code 5 .032 x .062 (.81 x 1.57) .045 x .045 (1.14 x 1.14) .03 (.80) 2 PLACES .250 x .032 QUICK (6.35 x .81) CONNECT 1.280 MAX. (32.51) 1.080 MAX. (27.43) .130 .020 (3.30 .51) 1.100 MAX. (27.94) Ø .187 x .020 (4.75 x .508) QUICK CONNECT 1.080 MAX. (27.43) 1.980 MAX. (50.29) 1.713 ± .010 (43.51 ± .25) .071 (1.80) RAD. FOR #6 SCREW 1.280 MAX. (32.51) 1.100 MAX. (27.94) .250 x .032 (6.35 x .81) QUICK CONNECT Note: Recommended mounting screw torque is 4.0-5.0 lbs.in when #6 screw is used. |
Similar Part No. - 4-1393210-8 |
|
Similar Description - 4-1393210-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |