Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-1393211-8 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 8-1393211-8
Description  Meets requirements of UL Class F construction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1393211-8 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  8-1393211-8 Datasheet HTML 1Page - TE Connectivity Ltd 8-1393211-8 Datasheet HTML 2Page - TE Connectivity Ltd 8-1393211-8 Datasheet HTML 3Page - TE Connectivity Ltd 8-1393211-8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
High Power PCB Relays
T92 Series Two-pole 30A PCB or Panel Mount Relay (Continued)
Potter & Brumfield
Product Code
Enclosure
Contacts
Coil
Mounting
Contact Material
Coil
Part Number
 T92P7A22-24
Plastic dust cover
2 form A, 2 NO
AC
Panel mount + quick connect
AgCdO
24 VAC
6-1393211-0 
 T92P7A22-120
120 VAC
5-1393211-7 
 T92P7A22-240
240 VAC
6-1393211-2 
 T92P7A22-277
277 VAC
6-1393211-3 
 T92P7A24-240
AgSnOInO
240 VAC
3-1423008-3 
 T92P7A52-120
Panel mount + screw terminals
AgCdO
120 VAC
1423008-8 
 T92P7A52-240
240 VAC
1-1423008-2 
 T92P7D12-12
DC
PCB terminals
12 VDC
6-1393211-5 
 T92P7D12-24
24 VDC
6-1393211-6 
 T92P7D22-12
Panel mount + quick connect
12VDC
6-1393211-9 
 T92P7D22-24
24 VDC
7-1393211-1 
 T92P7D22-48
48 VDC
7-1393211-2 
 T92P7D24-12
AgSnOInO
12VDC
2-1423008-2 
 T92P7D24-24
24 VDC
1423008-9 
 T92P7D42-24
AgCdO
7-1393211-5 
 T92P7D52-12
Panel mount + screw terminals
12 VDC
1-1423008-0 
 T92P7D52-24
24 VDC
1423967-1 
 T92P11A12-120
2 form C, 2 CO
AC
PCB terminals
120 VAC
3-1393211-8 
 T92P11A22-12
Panel mount + quick connect
12 VAC
3-1393211-9 
 T92P11A22-24
24 VAC
4-1393211-3 
 T92P11A22-120
120 VAC
4-1393211-0 
 T92P11A22-240
240 VAC
4-1393211-4 
 T92P11A22-277
277 VAC
4-1393211-6 
 T92P11A24-240
AgSnOInO
240 VAC
3-1423008-7 
 T92P11A42-120
AgCdO
120VAC
4-1393211-8 
 T92P11D12-12
DC
PCB terminals
12 VDC
5-1393211-0 
 T92P11D22-12
Panel mount + quick connect
5-1393211-3 
 T92P11D22-24
24 VDC
5-1393211-4 
 T92P11D24-12
AgSnOInO
12 VDC
3-1423008-5 
 T92P11D24-24
24 VDC
3-1423008-6 
 T92S7A12-24
Wash tight
2 form A, 2 NO
AC
PCB terminals
AgCdO
24 VAC
9-1393211-8 
 T92S7A12-120
120 VAC
9-1393211-7 
 T92S7A12-240
240 VAC
9-1393211-9 
 T92S7A22-24
Top sealed
Panel mount + quick connect
24 VAC
1393212-4 
 T92S7A22-120
120 VAC
1393212-2 
 T92S7A22-240
240 VAC
1393212-5 
 T92S7D12-12
Wash tight
DC
PCB terminals
12 VDC
1393212-8 
 T92S7D12-24
24 VDC
1-1393212-0 
 T92S7D12-48
48 VDC
1-1393212-1 
 T92S7D12-110
110 VDC
1393212-7 
 T92S7D14-24
AgSnOInO
24 VDC
1-1423008-8 
 T92S7D22-12
Top sealed
Panel mount + quick connect
AgCdO
12 VDC
1-1393212-4 
 T92S7D22-18
18 VDC
1-1393212-5 
 T92S7D22-24
24 VDC
1-1393212-7 
 T92S7D22-110
110 VDC
1-1393212-3 
 T92S11A12-24
Wash tight
2 form C, 2 CO
AC
PCB terminals
24 VAC
8-1393211-1 
 T92S11A12-120
120 VAC
8-1393211-0 
 T92S11A12-240
240 VAC
8-1393211-2 
 T92S11A22-12
Top sealed
Panel mount + quick connect
12 VAC
8-1393211-3 
 T92S11A22-24
24 VAC
8-1393211-6 
 T92S11A22-120
120 VAC
8-1393211-4 
 T92S11A22-240
240 VAC
8-1393211-7 
 T92S11D12-12
Wash tight
DC
PCB terminals
12 VDC
8-1393211-9 
 T92S11D12-24
24 VDC
9-1393211-0 
 T92S11D12-48
48 VDC
9-1393211-1 
 T92S11D12-110
110 VDC
8-1393211-8 
 T92S11D22-12
Top sealed
Panel mount + quick connect
12 VDC
9-1393211-3 
 T92S11D22-24
24 VDC
9-1393211-4 


Similar Part No. - 8-1393211-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1393211-8 TEC-8-1393211-8 Datasheet
789Kb / 5P
   T92 Series Two-pole Power Relay
More results

Similar Description - 8-1393211-8

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
   Meets UL Class B 130C UL File number E349541
logo
Grayhill, Inc
70L-ODC GRAYHILL-70L-ODC Datasheet
76Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
logo
List of Unclassifed Man...
BL600 ETC2-BL600 Datasheet
123Kb / 2P
   Meets Safety Agency Requirements
logo
Pulse A Technitrol Comp...
PE-67300NL PULSE-PE-67300NL Datasheet
59Kb / 1P
   Meets IEC950 insulation requirements
logo
CIT Relay & Switch
J123F CIT-J123F Datasheet
130Kb / 2P
   UL F class rated standard
J115F2 CIT-J115F2 Datasheet
176Kb / 3P
   UL F class rated standard
J115F1 CIT-J115F1 Datasheet
190Kb / 3P
   UL F class rated standard
J117F CIT-J117F Datasheet
92Kb / 3P
   UL F class rated standard
J115F3 CIT-J115F3 Datasheet
171Kb / 3P
   UL F class rated standard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com