Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG82FX532AD Datasheet(PDF) 10 Page - Megawin Technology Co., Ltd

Part # MG82FX532AD
Description  Dual data pointer
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG82FX532AD Datasheet(HTML) 10 Page - Megawin Technology Co., Ltd

Back Button MG82FX532AD Datasheet HTML 6Page - Megawin Technology Co., Ltd MG82FX532AD Datasheet HTML 7Page - Megawin Technology Co., Ltd MG82FX532AD Datasheet HTML 8Page - Megawin Technology Co., Ltd MG82FX532AD Datasheet HTML 9Page - Megawin Technology Co., Ltd MG82FX532AD Datasheet HTML 10Page - Megawin Technology Co., Ltd MG82FX532AD Datasheet HTML 11Page - Megawin Technology Co., Ltd MG82FX532AD Datasheet HTML 12Page - Megawin Technology Co., Ltd MG82FX532AD Datasheet HTML 13Page - Megawin Technology Co., Ltd MG82FX532AD Datasheet HTML 14Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 151 page
background image
10
MG82FE/L532 Data Sheet
MEGAWIN
3. Pin Description
3.1. Pin Definition
MNEMONIC
PIN NUMBER
I/O
TYPE
DESCRIPTION
40-Pin
DIP
44-Pin
PQFP
48-Pin
LQFP
P0.0
(AD0)
39
37
40
I/O
* Port 0.0.
* AD0: multiplexed A0/D0 during external data
memory access.
P0.1
(AD1)
38
36
39
I/O
* Port 0.1.
* AD1: multiplexed A1/D1 during external data
memory access.
P0.2
(AD2)
37
35
38
I/O
* Port 0.2.
* AD2: multiplexed A2/D2 during external data
memory access.
P0.3
(AD3)
36
34
37
I/O
* Port 0.3.
* AD3: multiplexed A3/D3 during external data
memory access.
P0.4
(AD4)
35
33
36
I/O
* Port 0.4.
* AD4: multiplexed A4/D4 during external data
memory access.
P0.5
(AD5)
34
32
35
I/O
* Port 0.5.
* AD5: multiplexed A5/D5 during external data
memory access.
P0.6
(AD6)
33
31
34
I/O
* Port 0.6.
* AD6: multiplexed A6/D6 during external data
memory access.
P0.7
(AD7)
32
30
33
I/O
* Port 0.7.
* AD7: multiplexed A7/D7 during external data
memory access.
P1.0
(T2)
(AIN0)
(T2CKO)
1
40
44
I/O
* Port 1.0.
* T2: Timer/Counter 2 external input.
* AIN0: ADC channel-0 analog input.
* T2CKO: programmable clock-out from Timer 2.
P1.1
(T2EX)
(AIN1)
(ECI)
2
41
45
I/O
* Port 1.1.
* T2EX: Timer/Counter 2
Reload/Capture/Direction control.
* AIN1: ADC channel-1 analog input.
* ECI: PCA external clock input.
P1.2
(AIN2)
(RXD1)
(CEX0)
3
42
46
I/O
* Port 1.2.
* AIN2: ADC channel-2 analog input.
* RXD1: UART1 serial input port.
* CEX0: PCA module-0 external I/O.
P1.3
(AIN3)
(TXD1)
(CEX1)
4
43
47
I/O
* Port 1.3.
* AIN3: ADC channel-3 analog input.
* TXD1: UART1 serial output port.
* CEX1: PCA module-1 external I/O.
P1.4
(AIN4)
(nSS)
(CEX2)
5
44
48
I/O
* Port 1.4.
* AIN4: ADC channel-4 analog input.
* nSS: SPI Slave select.
* CEX2: PCA module-2 external I/O.
P1.5
(AIN5)
(MOSI)
(CEX3)
6
1
1
I/O
* Port 1.5.
* AIN5: ADC channel-5 analog input.
* MOSI: SPI master out & slave in.
* CEX3: PCA module-3 external I/O.
P1.6
(AIN6)
(MISO)
(CEX4)
7
2
2
I/O
* Port 1.6.
* AIN6: ADC channel-6 analog input.
* MISO: SPI master in & slave out.
* CEX4: PCA module-4 external I/O.
P1.7
(AIN7)
(SPICLK)
(CEX5)
8
3
3
I/O
* Port 1.7.
* AIN7: ADC channel-7 analog input.
* SPICLK: SPI clock, output for master and input for
slave.
* CEX5: PCA module-5 external I/O.


Similar Part No. - MG82FX532AD

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG82FX564AD MEGAWIN-MG82FX564AD Datasheet
2Mb / 151P
   Dual data pointer
MG82FX564AE MEGAWIN-MG82FX564AE Datasheet
2Mb / 151P
   Dual data pointer
MG82FX564AF MEGAWIN-MG82FX564AF Datasheet
2Mb / 151P
   Dual data pointer
More results

Similar Description - MG82FX532AD

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG82FE308 MEGAWIN-MG82FE308 Datasheet
2Mb / 94P
   Dual data pointer
MG82FX564AE MEGAWIN-MG82FX564AE Datasheet
2Mb / 151P
   Dual data pointer
logo
Sensortechnics GmbH
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
   Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
   Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
   Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
   Laser Pointer
logo
Roithner LaserTechnik G...
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
   Blue Laser Pointer
CSI-405 ROITHNER-CSI-405 Datasheet
36Kb / 1P
   Violet Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com