Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47R20 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT47R20
Description  8 縕첮-F 玉툾TP ?고뒳?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47R20 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT47R20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47R20 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
HT47R20
Rev. 1.10
6
2002-07-25
交流电气特性
Ta=25
测试条件
符号
参数
VDD
条件
最小
典型
最大
单位
3V
400
4000
kHz
fSYS1
系统时钟
(晶体振荡)
5V
400
8000
kHz
3V
400
4000
kHz
fSYS2
系统时钟
(RC 振荡)
5V
400
8000
kHz
fSYS3
系统时钟
(32768Hz 晶体振
)
32768
Hz
fRTCOSC RTC 频率
32768
Hz
3V
0
4000
kHz
fTIMER
定时器输入频率
(TMR)
5V
0
8000
kHz
3V
45
90
180
µs
tWDTOSC 看门狗振荡器
5V
35
65
130
µs
tRES
外部复位低电平脉宽
1
µs
tSST
系统启动延迟时间
HALT 状态唤醒
1024
tSYS
tINT
中断脉冲宽度
1
µs


Similar Part No. - HT47R20

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1 Datasheet
314Kb / 43P
   R-F Type 8-Bit MCU
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
More results

Similar Description - HT47R20

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6902 TOREX-XC6902 Datasheet
513Kb / 23P
   -16V ?ε뒟縕좈쎔?㎩엹3 塋?춴?с궙?γ꺃?쇈궭
logo
Molex Electronics Ltd.
2174801222 MOLEX-2174801222 Datasheet
84Kb / 1P
   MINIFIT SR. F-F 150MM 8 AWG LEAD BK Au
2021/02/05
logo
ERNI Electronics
101202000001 ERNI-101202000001 Datasheet
42Kb / 1P
   F 2,54 SRC-A, 8-polig
101902070001 ERNI-101902070001 Datasheet
42Kb / 1P
   F 2,54 SRC-A, 8-polig
logo
Weidmuller
9456750000 WEIDMULLER-9456750000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 5M
1748180000 WEIDMULLER-1748180000 Datasheet
84Kb / 5P
   B2L 3.5/8 F SN SW
logo
ERNI Electronics
100600880001 ERNI-100600880001 Datasheet
42Kb / 1P
   F 2,54 SRC-A, 8-polig
101802070001 ERNI-101802070001 Datasheet
42Kb / 1P
   F 2,54 SRC-A, 8-polig
logo
Weidmuller
9456760000 WEIDMULLER-9456760000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 10M
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1 Datasheet
314Kb / 43P
   R-F Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com