Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7035L20PFGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7035L20PFGI8
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7035L20PFGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  7035L20PFGI8 Datasheet HTML 1Page - Integrated Device Technology 7035L20PFGI8 Datasheet HTML 2Page - Integrated Device Technology 7035L20PFGI8 Datasheet HTML 3Page - Integrated Device Technology 7035L20PFGI8 Datasheet HTML 4Page - Integrated Device Technology 7035L20PFGI8 Datasheet HTML 5Page - Integrated Device Technology 7035L20PFGI8 Datasheet HTML 6Page - Integrated Device Technology 7035L20PFGI8 Datasheet HTML 7Page - Integrated Device Technology 7035L20PFGI8 Datasheet HTML 8Page - Integrated Device Technology 7035L20PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6.42
IDT7035S/L
High-Speed 8K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT7035 is a high-speed 8K x 18 Dual-Port Static RAM. The
IDT7035isdesignedtobeusedasastand-alone144K-bitDual-PortRAM
orasacombinationMASTER/SLAVEDual-PortRAMfor36-bitormore
wordsystems. UsingtheIDTMASTER/SLAVEDual-PortRAMapproach
in36-bitorwidermemorysystemapplicationsresultsinfull-speed,error-
freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent, asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
feature controlled by Chip Enable (CE) permits the on-chip circuitry of
each port to enter a very low standby power mode.
The IDT7035 utilizes a 18-bit wide data path to allow for parity at the
user's option. This feature is especially useful in data communications
applications where it is necessary to use a parity bit for transmission/
receptionerrorchecking.
Fabricated using CMOS high-performance technology, these de-
vicestypicallyoperateononly800mWofpower.Low-power(L)versions
offerbatterybackupdataretentioncapabilitywithtypical powerconsump-
tion of 500µW from a 2V battery.
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 959493 9291 90 89 8887 8685 84 83 828180 79 78 77 76
IDT7035PF
PN100(4)
100-Pin
TQFP
Top View(5)
N/C
N/C
I/O8L
I/O17L
I/O11L
I/O12L
I/O13L
I/O14L
GND
I/O15L
I/O16L
VCC
GND
I/O0R
I/O1R
I/O2R
I/O3R
VCC
I/O4R
I/O5R
I/O6R
I/O8R
I/O17R
N/C
N/C
4088 drw 02
N/C
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
INTL
GND
M/
S
BUSYR
INTR
A0R
N/C
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
.


Similar Part No. - 7035L20PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7035L20PFGI8 IDT-7035L20PFGI8 Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - 7035L20PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7035S IDT-IDT7035S_18 Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S Datasheet
192Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com