Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7034L15PFGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 7034L15PFGI
Description  HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7034L15PFGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 7034L15PFGI Datasheet HTML 6Page - Integrated Device Technology 7034L15PFGI Datasheet HTML 7Page - Integrated Device Technology 7034L15PFGI Datasheet HTML 8Page - Integrated Device Technology 7034L15PFGI Datasheet HTML 9Page - Integrated Device Technology 7034L15PFGI Datasheet HTML 10Page - Integrated Device Technology 7034L15PFGI Datasheet HTML 11Page - Integrated Device Technology 7034L15PFGI Datasheet HTML 12Page - Integrated Device Technology 7034L15PFGI Datasheet HTML 13Page - Integrated Device Technology 7034L15PFGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IDT7034S/L
High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
Timing Waveforme of Semaphore Read After Write Timing, Either Side(1)
NOTE:
1. CE = VIH or UB & LB = VIH for the duration of the above timing (both write and read cycle).
2. "DATAOUT VALID' represents all I/Os (I/O0-I/O17) equal to the semaphore value.
NOTES:
1. DOR = DOL = VIL, CER = CEL = VIH, or both UB & LB = VIH.
2. All timing is the same for left and right port. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
3. This parameter is measured from R/W"A" or SEM"A" going HIGH to R/W"B" or SEM"B" going HIGH.
4. If tSPS is not satisfied, there is no guarantee which side will obtain the semaphore flag.
Timing Waveform of Semaphore Write Contention(1,3,4)
SEM
4089 drw 09
tAW
tEW
tSOP
DATA0
VALID ADDRESS
tSAA
R/
W
tWR
tOH
tACE
VALID ADDRESS
DATAIN VALID
DATA OUT
tDW
tWP
tDH
tAS
tSWRD
tAOE
tSOP
Read Cycle
Write Cycle
A0 -A2
OE
VALID(2)
SEM"A"
4089 drw 10
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2"A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
A0"B"-A2"B"
SIDE
(2)
"B"


Similar Part No. - 7034L15PFGI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7034 ETC2-7034 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
7034 ETC2-7034 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7034 ETC2-7034 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Heyco.
7034 HEYCO-7034 Datasheet
132Kb / 1P
   Male Pins
logo
List of Unclassifed Man...
7034-4X150A ETC-7034-4X150A Datasheet
728Kb / 16P
   BEAM POWER TUBE
More results

Similar Description - 7034L15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com