Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7038L20PFG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 7038L20PFG
Description  HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7038L20PFG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 7038L20PFG Datasheet HTML 7Page - Integrated Device Technology 7038L20PFG Datasheet HTML 8Page - Integrated Device Technology 7038L20PFG Datasheet HTML 9Page - Integrated Device Technology 7038L20PFG Datasheet HTML 10Page - Integrated Device Technology 7038L20PFG Datasheet HTML 11Page - Integrated Device Technology 7038L20PFG Datasheet HTML 12Page - Integrated Device Technology 7038L20PFG Datasheet HTML 13Page - Integrated Device Technology 7038L20PFG Datasheet HTML 14Page - Integrated Device Technology 7038L20PFG Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
6.42
IDT7038L
High-Speed 64K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
4837 drw 11
tDW
tAPS
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
Timing Waveform of Write with Port-to-Port Read and BUSY(M/S = VIH)(2,4,5)
Timing Waveform of Write with BUSY (M/S = VIL)
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/S = VIL (SLAVE).
2. CEL = CER = VIL, refer to Chip Enable Truth Table.
3. OE = VIL for the reading port.
4. If M/S = VIL (SLAVE), BUSY is an input. Then for this example BUSY "A" = VIH and BUSY "B" input is shown above.
5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A".
NOTES:
1. tWH must be met for both BUSY input (SLAVE) and output (MASTER).
2. BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH.
3. tWB is only for the 'Slave' version.
4837 drw 12
R/
W"A"
BUSY"B"
tWP
tWB(3)
R/
W"B"
tWH(1)
(2)
.


Similar Part No. - 7038L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7038L20PFG IDT-7038L20PFG Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
7038L20PFG8 IDT-7038L20PFG8 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
7038L20PFGI IDT-7038L20PFGI Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
7038L20PFGI8 IDT-7038L20PFGI8 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - 7038L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L_17 Datasheet
185Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com