Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72225LB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72225LB
Description  CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72225LB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72225LB Datasheet HTML 1Page - Integrated Device Technology IDT72225LB Datasheet HTML 2Page - Integrated Device Technology IDT72225LB Datasheet HTML 3Page - Integrated Device Technology IDT72225LB Datasheet HTML 4Page - Integrated Device Technology IDT72225LB Datasheet HTML 5Page - Integrated Device Technology IDT72225LB Datasheet HTML 6Page - Integrated Device Technology IDT72225LB Datasheet HTML 7Page - Integrated Device Technology IDT72225LB Datasheet HTML 8Page - Integrated Device Technology IDT72225LB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
SupplyVoltage
4.5
5.0
5.5
V
Commercial/Industrial
GND
SupplyVoltage
0
0
0
V
VIH
InputHighVoltage
2.0
V
Commercial/Industrial
VIL(1)
InputLowVoltage
0.8
V
Commercial/Industrial
TA
OperatingTemperature
0
70
°C
Commercial
TA
OperatingTemperature
-40
85
°C
Industrial
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
Symbol
Rating
Commercial
Unit
VTERM
TerminalVoltage
–0.5 to +7.0
V
with respect to GND
TSTG
Storage
–55to+125
°C
Temperature
IOUT
DCOutputCurrent
–50to+50
mA
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
CAPACITANCE(TA=+25°C,f=1.0MHz)
NOTES:
1. With output deselected, (OE
≥ VIH).
2. Characterized values, not currently tested.
IDT72205LB
IDT72215LB
IDT72225LB
IDT72235LB
IDT72245LB
Commercial and Industrial(1)
tCLK = 10, 15, 25 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI(2)
InputLeakageCurrent(anyinput)
–1
1
μA
ILO(3)
OutputLeakageCurrent
–10
10
μA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
60
mA
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0°C to +70°C; Industrial: VCC = 5V
± 10%V, TA = -40°C to +85°C)
NOTES:
1. Industrial Temperature Range Product for the 15ns and the 25ns speed grades are available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs disabled (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHZ and data inputs switch at 10 MHz.
6. For the IDT72205/72215/72225 the typical ICC1 = 1.81 + 1.12*fS + 0.02*CL*fS (in mA);
for the IDT72235/72245 the typical ICC1 = 2.85 + 1.30*fS + 0.02*CL*fS (in mA)
These equations are valid under the following conditions:
VCC = 5V, TA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
ABSOLUTE MAXIMUM RATINGS
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
ICC2(4,7)
StandbyCurrent
5
mA


Similar Part No. - IDT72225LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72225LB IDT-IDT72225LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Renesas Technology Corp
IDT72225LB RENESAS-IDT72225LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72225LB10J IDT-IDT72225LB10J Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72225LB10JI IDT-IDT72225LB10JI Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72225LB10PF IDT-IDT72225LB10PF Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
More results

Similar Description - IDT72225LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com