Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7035L20PFG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 7035L20PFG
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7035L20PFG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 7035L20PFG Datasheet HTML 5Page - Integrated Device Technology 7035L20PFG Datasheet HTML 6Page - Integrated Device Technology 7035L20PFG Datasheet HTML 7Page - Integrated Device Technology 7035L20PFG Datasheet HTML 8Page - Integrated Device Technology 7035L20PFG Datasheet HTML 9Page - Integrated Device Technology 7035L20PFG Datasheet HTML 10Page - Integrated Device Technology 7035L20PFG Datasheet HTML 11Page - Integrated Device Technology 7035L20PFG Datasheet HTML 12Page - Integrated Device Technology 7035L20PFG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
6.42
IDT7035S/L
High-Speed 8K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
Timing Waveform of Write Cycle No. 1, R/W Controlled Timing(1,5,8)
Timing Waveform of Write Cycle No. 2, CE, UB, LB Controlled Timing(1,5)
NOTES:
1. R/W or CE or UB & LB must be HIGH during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a LOW UB or LB and a LOW CE and a LOW R/W for memory array writing cycle.
3. tWR is measured from the earlier of CE or R/W (or SEM or R/W) going HIGH to the end-of-write cycle.
4. During this period, the I/O pins are in the output state and input signals must not be applied.
5. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the high-impedance state.
6. Timing depends on which enable signal is asserted last, CE, R/W, or byte control.
7. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured 0mV from steady state with Output Test Load
(Figure 2).
8. If OE is LOW during R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off and data to be
placed on the bus for the required tDW. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as
the specified tWP.
9. To access RAM, CE = VIL, UB or LB = VIL, and SEM = VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL. tEW must be met
for either condition.
R/
W
tWC
tHZ
tAW
tWR
tAS
tWP
DATAOUT
(2)
tWZ
tDW
tDH
tOW
OE
ADDRESS
DATAIN
(6)
(4)
(4)
(7)
UB or LB
4088 drw 07
(9)
CE or SEM
(9)
(7)
(3)
4088 drw 08
tWC
tAS
tWR
tDW
tDH
ADDRESS
DATAIN
R/
W
tAW
tEW
UB or LB
(3)
(2)
(6)
CE or SEM
(9)
(9)


Similar Part No. - 7035L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7035L20PFG IDT-7035L20PFG Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L20PFG8 IDT-7035L20PFG8 Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L20PFGI IDT-7035L20PFGI Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L20PFGI8 IDT-7035L20PFGI8 Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - 7035L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7035S IDT-IDT7035S_18 Datasheet
188Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S Datasheet
192Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com