Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVBA-FKA-CA1D181BB7D3D3 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLVBA-FKA-CA1D181BB7D3D3
Description  Cree PLCC4 3-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLVBA-FKA-CA1D181BB7D3D3 Datasheet(HTML) 3 Page - Cree, Inc

  CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 1Page - Cree, Inc CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 2Page - Cree, Inc CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 3Page - Cree, Inc CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 4Page - Cree, Inc CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 5Page - Cree, Inc CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 6Page - Cree, Inc CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 7Page - Cree, Inc CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 8Page - Cree, Inc CLVBA-FKA-CA1D181BB7D3D3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 3 in 1 SMD LED
CLVBA-FKA
INTENSITY BIN LIMIT (I
F = 8 mA)
COLOR BIN LIMIT (I
F = 8 mA)
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475
B67
472.5
477.5
B6
475
480
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Red
Bin Code
Min.(mcd) Max.(mcd)
A
71
90
3a4
81
101
B
90
112
56
101
126
C
112
140
78
126
160
D
140
180
9a
160
202
E
180
224
Green
Bin Code
Min.(mcd) Max.(mcd)
D
140
180
9a
160
202
E
180
224
bc
202
252
F
224
280
de
252
318
G
280
355
fg
318
403
H
355
450
Blue
Bin Code
Min.(mcd) Max.(mcd)
L8
36
45
3g3f
41
51
L9
45
56
3e3d
51
64
L
56
71
3c3b
64
81
A
71
90
3a4
81
101
B
90
112


Similar Part No. - CLVBA-FKA-CA1D181BB7D3D3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
More results

Similar Description - CLVBA-FKA-CA1D181BB7D3D3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
   Cree PLCC4 3 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW_16 Datasheet
842Kb / 11P
   Cree PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com