Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY16602-632LF Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY16602-632LF
Description  Low limiting threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY16602-632LF Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY16602-632LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY16602-632LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY16602-632LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY16602-632LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY16602-632LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY16602-632LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY16602-632LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY16602-632LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY16602-632LF Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DATA SHEET
● SKY16602-632LF: LOW-THRESHOLD PIN DIODE LIMITER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
April 11, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202945F
Typical Performance Characteristics
(TOP=25 °C, Characteristic Impedance = 50
)
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
012345
6
Frequency (GHz)
Insertion Loss
Return Loss
Figure 4. Small Signal Performance without External Tuning
–30
–25
–20
–15
–10
–5
0
012345
6
Frequency (GHz)
Insertion Loss
Return Loss
Figure 6. Small Signal Performance with External Tuning
Networks Optimized for 2.45 GHz
Power In (dBm)
–16
–14
–12
–10
–8
–6
–4
–2
0
–10
–5
0
+5
+10
+15
+20
+25
+30
Figure 5. Insertion Loss vs CW Input Power at 0.90 GHz
without External Tuning
Power In (dBm)
–12
–10
–8
–6
–4
–2
0
–10
–5
0
+5
+10
+15
+20
+25
+30
Figure 7. Insertion Loss vs CW Input Power
at 2.45 GHz (Tuned Circuit)
0
2
4
6
8
10
12
14
16
18
20
25
45
65
85
105
125
145
165
Bottom of Package Leadframe Temperature (C)
Figure 8. Power Derating Curve (Insertion Loss = 0.3 dB) vs
Temperature on Bottom of Package Leadframe
0
1
2
3
4
5
6
7
8
9
10
25
45
65
85
105
125
145
165
Bottom of Circuit Board Temperature (C)
Figure 9. Power Derating Curve (Insertion Loss = 0.3 dB)
vs Temperature on Bottom of EVB Circuit Board


Similar Part No. - SKY16602-632LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY16603-632EK1 SKYWORKS-SKY16603-632EK1 Datasheet
1Mb / 10P
   High-Linearity Dual PIN Diode Limiter 0.6 to 6.0 GHz
June 26, 2020
SKY16603-632LF SKYWORKS-SKY16603-632LF Datasheet
1Mb / 10P
   High-Linearity Dual PIN Diode Limiter 0.6 to 6.0 GHz
June 26, 2020
More results

Similar Description - SKY16602-632LF

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88053AL MICREL-SY88053AL Datasheet
453Kb / 12P
   3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
logo
List of Unclassifed Man...
013 ETC2-013 Datasheet
495Kb / 2P
   Low starting threshold
010C ETC2-010C Datasheet
865Kb / 2P
   Low starting threshold
logo
Micrel Semiconductor
SY88353BL MICREL-SY88353BL_07 Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
logo
AVAGO TECHNOLOGIES LIMI...
TX299K AVAGO-TX299K Datasheet
141Kb / 1P
   Low Threshold Current
logo
Micrel Semiconductor
SY88353BL MICREL-SY88353BL Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
   Low Gate Threshold Voltage
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
   Low Gate Threshold Voltage
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
   Low Gate Threshold Voltage
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
   Low Gate Threshold Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com