Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD-VCXO6-05032 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # SMD-VCXO6-05032
Description  High reliability for low cost
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD-VCXO6-05032 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  SMD-VCXO6-05032 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD-VCXO6-05032 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD-VCXO6-05032 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13
D-86899 Landsberg am Lech
Fon: +49/8191/305395
Fax: +49/8191/305397
www.petermann-technik.com
info@petermann-technik.com
Premium Quality by
PETERMANN-TECHNIK
CRYSTALS
OSCILLATORS
CERAMIC RESONATORS
CERAMIC FILTERS
SAW COMPONENTS
Spec.01 • REV.00 • August 2013
REEL SPECIFICATION
*B=BLANK, S=SPECIAL, X*=YOUR PARAMETERS , T=TAPE AND REEL
ORDERING INFORMATION
Example: SMD-VCXO6-05032-25-W-S-100-E-27.000MHz-T
PLEASE INDICATE YOUR REQUIRED PARAMETERS
Series &
Voltage
SMD-VCXO6
-05032
Symmetry
B*=40/60%
or
S=45/55%
Pulling
range
B*=±100ppm
X*
B*= 0+70°C
N=-10+60°C
M=-20+70°C
W=-40+85°C
X*
Temperature
Range
Options
Frequency
27.000 MHz
Frequency
Stability
T
Delivery
Form
50=±50ppm
25=±25ppm
20=±20ppm
X*
Tri-State
Control
B*=Not
Connected
E=TRI-STATE
REFLOW SOLDER PROFILE
ISO 9001:2008


Similar Part No. - SMD-VCXO6-05032

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD-VCXO6-05032-3 PETERMANN-SMD-VCXO6-05032-3 Datasheet
318Kb / 3P
   High reliability for low cost
SMD-VCXO6-05032-3-25-W-S PETERMANN-SMD-VCXO6-05032-3-25-W-S Datasheet
318Kb / 3P
   High reliability for low cost
More results

Similar Description - SMD-VCXO6-05032

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com