Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF05C Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMF05C
Description  Small SOT-363 SMT Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMF05C Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMF05C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMF05C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMF05C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMF05C
Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Parameter
Maximum Reverse Peak Pulse Current
IPP
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
IF
Forward Current
VF
Forward Voltage @ IF
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)
@ 1 mA
VC (V)
@ 5A
Capacitance
@ OV Bias(pF)(note 2)
Device
Marking
Max
Max
Min
Nom
Max
Max
Typ
Max
SMF05C
5
5.0
6.1
6.6
7.2
9.8
--
110
*Surge current waveform per Figure 1.
2.
Capacitance of one diode at f=1MHz,VR=0V, TA=25°C.
Fig1. Pulse Waveform


Similar Part No. - SMF05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
112Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
   5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
153Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
672Kb / 7P
   MULTI-LINE TVS ARRAY
More results

Similar Description - SMF05C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
SOT-363 CDIL-SOT-363 Datasheet
300Kb / 3P
   SOT-363 (6 Leads) SMD Plastic Package
logo
TriQuint Semiconductor
AG302-63 TRIQUINT-AG302-63_15 Datasheet
504Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
logo
Qorvo, Inc
AG302-63G QORVO-AG302-63G Datasheet
646Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
logo
TriQuint Semiconductor
AG402-86 TRIQUINT-AG402-86_15 Datasheet
227Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
logo
Shenzhen Huazhimei Semi...
HM7002KDW HMSEMI-HM7002KDW Datasheet
986Kb / 6P
   Small Signal MOSFET380mAmps, 60 Volts N?밅hannel SOT-363
logo
AVAGO TECHNOLOGIES LIMI...
MGA-6X563 AVAGO-MGA-6X563 Datasheet
86Kb / 1P
   Current Adjustable Low Noise Amplifier in SOT-363 Package
logo
Shanghai Semitech Semic...
SM712 SEMITECH-SM712 Datasheet
163Kb / 3P
   Small SOT-23 Package
logo
Central Semiconductor C...
CMKT3920 CENTRAL-CMKT3920 Datasheet
1Mb / 2P
   50V, 200mA Dual, NPN Transistors in SOT-363 package
logo
WILLAS ELECTRONIC CORP
BAW56DW WILLAS-BAW56DW Datasheet
362Kb / 3P
   SOT-363 Plastic-Encapsulate Diode
BAS16TW1T1 WILLAS-BAS16TW1T1 Datasheet
368Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com