Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60DBPL1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 60DBPL1
Description  Compact RFI High Current DC Inlet Connection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

60DBPL1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  60DBPL1 Datasheet HTML 1Page - TE Connectivity Ltd 60DBPL1 Datasheet HTML 2Page - TE Connectivity Ltd 60DBPL1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Compact RFI High Current DC Inlet Filter (continued)
DB Series
Corcom Product Guide
216
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com

    
    

     
Performance Data
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system

    
   

       

         

        

    
    

     

    
   

         

        

         
Differential Mode / Symmetrical (Line to Line)
Case Styles (continued)
DBPL
E
D
F
C
A
Wire #6 AWG, 300V
Extra Flexible
IAW UL10198
(2 x)
Red (RTN)
Black (-VDC)
B
DBRL
E
D
F
C
A
Wire #6 AWG, 300V
Extra Flexible
IAW UL10198
(2 x)
Red (RTN)
Black (-VDC)
B
0.150 Dia.
2x
Recommended Panel Cutout
1.654
42.01
1.370
34.79
1.055
26.79
0.528
13.41
R 0.062
1.57
0.138 Dia. (2x)
3.50
(4x)
Front Mount Panel Cutout
Tolerance ± .005
1.654
42.01
1.3
33.02
Rear Mount Panel Cutout
Tolerance ± .005
R 0.125
3.175
(4x)
0.985
25.01
0.493
12.52
0.138 Dia. (2x)
3.50

  

  

 

Part No.
A
B
C
D
E
F










60DBJ8

    
     
60DB8
60DBF8
     
     
60DBX
     
     
60DBRL
     
     
60DBPL
     
     
Case Dimensions

Insertion/Extraction Tool:
1643922-1*
Crimp per TE spec:
114-13206
Crimp tool:
M22520/23-01
Indenter head:
M22520/23-04
Locator:
M22520/23-11
Connector system locking kit¹:
Contact TE


Accessories / Tooling


Similar Part No. - 60DBPL1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60DBPL1 MACOM-60DBPL1 Datasheet
210Kb / 1P
   CUSTOMER DRAWING
More results

Similar Description - 60DBPL1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3DAF1 MACOM-3DAF1_11 Datasheet
215Kb / 2P
   Compact RFI Line Filter with DC Inlet Connection
logo
TE Connectivity Ltd
DAF1 TEC-DAF1 Datasheet
215Kb / 2P
   Compact RFI Line Filter with DC Inlet Connection
logo
Tyco Electronics
3DAF1 MACOM-3DAF1 Datasheet
102Kb / 2P
   Compact RFI Line Filter with DC Inlet Connector
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
TE Connectivity Ltd
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Rohm
2SB1183 ROHM-2SB1183 Datasheet
59Kb / 1P
   Darlington connection for high DC current gain.
logo
Schaffner International...
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
   High-current EMC/RFI Filter
FN-2211 SCHAFFNER-FN-2211 Datasheet
3Mb / 4P
   Compact high current DC EMC/EMI filter
FN-2211-HV SCHAFFNER-FN-2211-HV Datasheet
1Mb / 4P
   Compact high current DC EMC/EMI filter
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com