Electronic Components Datasheet Search |
|
SMCJ18 Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd |
|
SMCJ18 Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd |
1 / 6 page 4 SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD SMCJ5.0 --- SMCJ440CA 1500W Surface Mount Transient Voltage Suppressors Features l Working peak reverse voltage range – 5.0V to 440V. l Peak power dissipation 1500W @10 x 1000 us Pulse l Low profile package. l Excellent clamping capability. l Glass passivated junction. l Fast response time: typically less than 1 ns for Uni-direction. Less than 5 ns for Bi-direction, from 0 Volts to BV min l Typical IR less than 1uA above 10V. l Plastic material has UL flammability classification 94V-O l RoHS compliant in lead-free versions Mechanical Characteristics CASE: Void-free, JEDEC DO-214AA Molded Plastic over glass passivated junction.. Mounting Position: Any Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device. Terminal: Solder plated, solderable per MIL-STD-750, Method 2026 Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted) Parameter Symbol Value Units Peak Pulse Power Dissipation on 10/1000 us Waveform (Note 1, 2, FIG.1) PPPM Min 1500 W Peak Pulse Current of on 10/1000us Waveform (Note 1, FIG.3) IPPM See Table 1 Amps Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method) (Note 2. 3) IFSM 200 Amps Operating Junction Temperature Range TJ -55 to 150 °C Storage Temperature Range TSTG -55 to 150 °C Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2. 2. Mounted on 5.0mm 2 (0.03mm thick) Copper Pads to each terminal. 3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle=4 pluses per minute maximum. WWW.SEMITECH.CN |
Similar Part No. - SMCJ18 |
|
Similar Description - SMCJ18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |