Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY82 Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # ZY82
Description  Low leakage current
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

ZY82 Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  ZY82 Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd ZY82 Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
ZY3.6 ~ ZY200
SILICON ZENER DIODES
VZ : 3.6 - 200 Volts
PD : 2 Watts
DO - 41
FEATURES :
* Silicon power zener diode
* High reliability
0.107 (2.7)
0.080 (2.0)
1.00 (25.4)
MIN.
* Low leakage current
*
Pb / RoHS Free
0.205 (5.2)
0.166 (4.2)
MECHANICAL DATA
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation
Ptot
2.0
(1)
W
Thermal Resistance Junction to Ambient Air
R
θJA
60
(1)
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Ts
- 55 to + 150
°C
Note : 1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
WWW.SEMITECH.CN


Similar Part No. - ZY82

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZY82 DIODES-ZY82 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
Diotec Semiconductor
ZY82 DIOTEC-ZY82 Datasheet
142Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
logo
General Semiconductor
ZY82 GE-ZY82 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Diotec Semiconductor
ZY82 DIOTEC-ZY82 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY82 EIC-ZY82 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - ZY82

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETH3006SHM3 VISHAY-VS-ETH3006SHM3 Datasheet
135Kb / 7P
   Low leakage current
Revision: 10-Jul-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com