Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60DCB10F Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 60DCB10F
Description  RFI Power Line Filters for DC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

60DCB10F Datasheet(HTML) 3 Page - TE Connectivity Ltd

  60DCB10F Datasheet HTML 1Page - TE Connectivity Ltd 60DCB10F Datasheet HTML 2Page - TE Connectivity Ltd 60DCB10F Datasheet HTML 3Page - TE Connectivity Ltd 60DCB10F Datasheet HTML 4Page - TE Connectivity Ltd 60DCB10F Datasheet HTML 5Page - TE Connectivity Ltd 60DCB10F Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Series
RFI Power Line Filters for DC Applications (continued)
219
Corcom Product Guide
4
Part No.
A
B
C
15DCB6(F)
30DCB6(F)






15DCB10(F)
30DCB10(F)






60DCB6(F)






60DCB10(F)






100DCB6(F)
125DCB6(F)






100DCB10(F)






125DCB10(F)






DCB6(F) & DCB10(F)
DCB6(F) & DCB10(F)
A
B
C
Holes: .157 [3.99] Dia. (4)
Tolerance: ±.005 [.13]
See case dimensions for spacing
Part No.
A
B
C
D
E
F
15DCB6B(F)
15DCF6B
     
     
15DCB10B(F)
15DCF10B
     
     
30DCB6B(F)
30DCF6B
     
     
30DCB10B(F)
30DCF10B
     
     
60DCB10B(F)
60DCF10B
     
     
60DCF6B(F)
60DCF6B
     
     
Cutout Dimensions
Recommended Panel Cutouts
DCB6B(F) & DCB10B(F) 15 to 60A
DCB6B(F) & DCB10B(F) 15 to 60A
F
B
A
E
C
D
Holes: .157 [3.99] Dia. (4)
See case dimensions for
spacing.
Tolerance: ±.005/.13
Part No.
A
B
C
100DCB6B(F)
100DCF6B
125DCB6B(F)
125DCF6B






100DCB10B(F)
100DCF10B






125DCB10B(F)






125DCF10B






DCB6B(F) & DCB10B(F) 100 to 125A
DCB6B(F) & DCB10B(F) 100 to 125A
B
A
C
1.250
31.75 .625
15.88
.262
6.65
1.557
39.55
1.500 x 0.781
38.10 x 19.84
Holes: .157 [3.99] Dia. (4)
See case dimensions for
spacing.
Tolerance: ±.005/.13
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com


Similar Part No. - 60DCB10F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60DCB10F MACOM-60DCB10F Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
60DCB10F MACOM-60DCB10F Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
60DCB10F MACOM-60DCB10F Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
More results

Similar Description - 60DCB10F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com