Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACQ624 Datasheet(PDF) 2 Page - RFHIC

Part # ACQ624
Description  Low Noise Figure
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

ACQ624 Datasheet(HTML) 2 Page - RFHIC

  ACQ624 Datasheet HTML 1Page - RFHIC ACQ624 Datasheet HTML 2Page - RFHIC ACQ624 Datasheet HTML 3Page - RFHIC ACQ624 Datasheet HTML 4Page - RFHIC ACQ624 Datasheet HTML 5Page - RFHIC ACQ624 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E-pHEMT MMIC
ACQ624
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 1.1
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Device Voltage
VDC
-
5
7
-
Operating Temperature
-40
-
85
-
Storage Temperature
-40
-
150
-
ESD Human Body Model
-
-
Class 1A
-
-
Moisture sensitivity Level
-
-
MSL1
-
-
Junction temperature
-
-
180
-
Thermal Resistance (Rth)
℃/W
-
25
-
-
Application Circuit @ 50 ~ 870MHz, 75ohm System
* Bias of the same color can be configured as the Common Bias
1
5
10
15
20
Input
D32212A
(Balun)
1.5pF
1.5pF
1nF
1nF
1nF
100nF
1nF
100nF
1nF
300 Ω
1nF
1nF
Output
D60465A
(Balun)
0.5pF
0.5pF
1nF
620 Ω
7pF
1nF
1nF
100nF
1nF
1nF
100nF
560nH
(Wirewound, 2520Type)
560nH
(Wirewound, 2520Type)
560nH
(Wirewound, 2520Type)
560nH
(Wirewound, 2520Type)
Bias +5V
SMP1307
SMP1307
1 kΩ
1 kΩ
1 kΩ
1 kΩ
100nF
100nF
Bias +5V
Bias +5V
Bias +5V
100nF
Atten Control Bias
0V ~ 5V
560nH
(Wirewound,
2520Type)
430 Ω
1nF
430 Ω
300 Ω
620 Ω
7pF
270 Ω
270 Ω
Atten Control Bias
0V ~ 5V
560nH
(Wirewound,
2520Type)
100nF
1nF
1nF
1nF
1nF
1nF
510Ω
5.1 Ω
5.1 Ω
5.1 Ω
5.1 Ω
510Ω
510Ω
510Ω
1 kΩ
1 kΩ
75 Ω
75 Ω
AGC Circuit
Can be changed
AGC Circuit
Can be changed


Similar Part No. - ACQ624

ManufacturerPart #DatasheetDescription
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
More results

Similar Description - ACQ624

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1322 AVAGO-ALM-1322 Datasheet
783Kb / 10P
   Very Low noise figure
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com