Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ110A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMCJ110A
Description  Low profile package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMCJ110A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMCJ110A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110A Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMCJ5.0 --- SMCJ440CA
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ5.0
SMCJ5.0C
GDD
BDD
5.0
6.40
7.55
10.0
9.6
156.3
800.0
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.0
6.40
7.25
10.0
9.2
163.0
800.0
SMCJ6.0
SMCJ6.0C
GDF
BDF
6.0
6.67
8.45
10.0
11.4
131.6
800.0
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.0
6.67
7.67
10.0
10.3
145.6
800.0
SMCJ6.5
SMCJ6.5C
GDH
BDH
6.5
7.22
9.14
10.0
12.3
122.0
500.0
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
8.30
10.0
11.2
133.9
500.0
SMCJ7.0
SMCJ7.0C
GDL
BDL
7.0
7.78
9.86
10.0
13.3
112.8
200.0
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.0
7.78
8.95
10.0
12.0
125.0
200.0
SMCJ7.5
SMCJ7.5C
GDN
BDN
7.5
8.33
10.67
1.0
14.3
104.9
100.0
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.58
1.0
12.9
116.3
100.0
SMCJ8.0
SMCJ8.0C
GDQ
BDQ
8.0
8.89
11.3
1.0
15.0
100.0
50.0
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
10.23
1.0
13.6
110.3
50.0
SMCJ8.5
SMCJ8.5C
GDS
BDS
8.5
9.44
11.92
1.0
15.9
94.3
20.0
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.82
1.0
14.4
104.2
20.0
SMCJ9.0
SMCJ9.0C
GDU
BDU
9.0
10.0
12.6
1.0
16.9
88.8
10.0
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.0
11.5
1.0
15.4
97.4
10.0
SMCJ10
SMCJ10C
GDW
BDW
10
11.1
14.1
1.0
18.8
79.8
5.0
SMCJ10A
SMCJ10CA
GDX
BDX
10
11.1
12.8
1.0
17.0
88.2
5.0
SMCJ11
SMCJ11C
GDY
BDY
11
12.2
15.4
1.0
20.1
74.6
5.0
SMCJ11A
SMCJ11CA
GDZ
BDZ
11
12.2
14.0
1.0
18.2
82.4
5.0
SMCJ12
SMCJ12C
GED
BED
12
13.3
16.9
1.0
22.0
68.2
5.0
SMCJ12A
SMCJ12CA
GEE
BEE
12
13.3
15.3
1.0
19.9
75.4
5.0
SMCJ13
SMCJ13C
GEF
BEF
13
14.4
18.2
1.0
23.8
63.0
5.0
SMCJ13A
SMCJ13CA
GEG
BEG
13
14.4
16.5
1.0
21.5
69.8
5.0
SMCJ14
SMCJ14C
GEH
BEH
14
15.6
19.8
1.0
25.8
58.1
5.0
SMCJ14A
SMCJ14CA
GEK
BEK
14
15.6
17.9
1.0
23.2
64.7
5.0
SMCJ15
SMCJ15C
GEL
BEL
15
16.7
21.1
1.0
26.9
55.8
5.0
SMCJ15A
SMCJ15CA
GEM
BEM
15
16.7
19.2
1.0
24.4
61.5
5.0
SMCJ16
SMCJ16C
GEN
BEN
16
17.8
22.6
1.0
28.8
52.1
5.0
SMCJ16A
SMCJ16CA
GEP
BEP
16
17.8
20.5
1.0
26.0
57.7
5.0
SMCJ17
SMCJ17C
GEQ
BEQ
17
18.9
23.9
1.0
30.5
49.2
5.0
SMCJ17A
SMCJ17CA
GER
BER
17
18.9
21.7
1.0
27.6
54.3
5.0
SMCJ18
SMCJ18C
GES
BES
18
20.0
25.3
1.0
32.2
46.6
5.0
SMCJ18A
SMCJ18CA
GET
BET
18
20.0
23.3
1.0
29.2
51.4
5.0
SMCJ20
SMCJ20C
GEU
BEU
20
22.2
28.1
1.0
35.8
41.9
5.0
SMCJ20A
SMCJ20CA
GEV
BEV
20
22.2
25.5
1.0
32.4
46.3
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - SMCJ110A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ110A DCCOM-SMCJ110A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ110A VISHAY-SMCJ110A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
logo
Taiwan Semiconductor Co...
SMCJ110A TSC-SMCJ110A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
SMCJ110A DAESAN-SMCJ110A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ110A TSC-SMCJ110A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ110A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com