Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS252012ER47MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SPS252012ER47MF
Description  SMD Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252012ER47MF Datasheet(HTML) 5 Page - Superworld Electronics

  SPS252012ER47MF Datasheet HTML 1Page - Superworld Electronics SPS252012ER47MF Datasheet HTML 2Page - Superworld Electronics SPS252012ER47MF Datasheet HTML 3Page - Superworld Electronics SPS252012ER47MF Datasheet HTML 4Page - Superworld Electronics SPS252012ER47MF Datasheet HTML 5Page - Superworld Electronics SPS252012ER47MF Datasheet HTML 6Page - Superworld Electronics SPS252012ER47MF Datasheet HTML 7Page - Superworld Electronics SPS252012ER47MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD Power Inductors
16.01.2014
SPS252012E SERIES
7. RELIABILITY AND TEST CONDITION :
Life Test
Solderability Test
Solder Heat Resistance
JEDEC J-STD-020DClassification Reflow Profiles
Preconditioning:Run through IR reflow for 2 times.( IPC/
Refer to standard electrical characteristics list
PERFORMANCE
Electrical Characteristics Test
Inductance L
ITEM
Agilent-4291, Agilent-4287
Agilent-4291
TEST CONDITION
Appearance : No damage.
to drop approximately ΔL(%).
Saturation DC Current (Isat) will cause L0
Agilent-4338
Temperature : 85± 2° C(Inductor)
Base on temp. rise & ΔL/L0A 30%.
Q
SRF
DC Resistance
Rated Current
rise approximately ΔT(°C) without core loss.
Heat Rated Current (Irms) will cause the coil temperature
ΔT 40°CMax
Temperature Rise Test
1.Applied the allowed DC current.
2.Temperature measured by digital surface thermometer
Mechanical Performance Test
Inductance : within± 10% of initial value
Q : Shall not exceed the specification value.
More than 95% of terminal electrode should be
covered with solder.
Reliability Test
Agilent-4192, Agilent-4285
RDC : within ± 15% of initial value and shall not
exceed the specification value
260± 5
(solder temp)
(° C)
ramp/immersion
Temperature
Temperature
and emersion rate
10± 1
(s)
Time
of heat
Number
cycles
25mm/s± 6 mm/s
1
Depth: completely cover the termination
Solder : Sn99.5%-Cu0. 5%
Temperature : 245± 5° C
Preheat : 150° C,60sec
Flux for lead free : Rosin. 9.5%
Dip time : 4± 1sec
Depth : completely cover the termination
Appearance : No damage.
Inductance : within± 10% of initial value
Q : Shall not exceed the specification value.
RDC : within ± 15% of initial value and shall not
exceed the specification value
Applied current : rated current
Duration : 1000± 12hrs
Measured at room temperature after placing for 24± 2 hrs
Thermal shock
JEDEC J-STD-020DClassification Reflow Profiles
Step1 : -40± 2° C 30± 5min
Preconditioning:Run through IR reflow for 2 times.( IPC/
Step2 : 25±2°C
0.5min
Step3 : 105± 2° C 30± 5min
Number of cycles : 500
Measured at room fempraturc after placing for 24± 2 hrs
Humidity Resistance Test
JEDEC J-STD-020DClassification Reflow Profiles
Humidity : 85±2﹪R.H
Preconditioning:Run through IR reflow for 2 times.( IPC/
Temperature : 85° C± 2° C
Duration : 1000hrs Min. with 100% rated current
Measured at room temperature after placing for 24± 2 hrs
Vibration Test
JEDEC J-STD-020DClassification Reflow Profiles
Oscillation Frequency : 10~2K~10Hz for 20 minutes
Preconditioning:Run through IR reflow for 2 times.( IPC/
Equipment : Vibration checker
Total Amplitude : 1.52mm± 10%
Testing Time : 12 hours(20 minutes, 12 cycles each of 3
orientations)


Similar Part No. - SPS252012ER47MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252012D1R0MF SUPERWORLD-SPS252012D1R0MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012D2R2MF SUPERWORLD-SPS252012D2R2MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR47MF SUPERWORLD-SPS252012DR47MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR68MF SUPERWORLD-SPS252012DR68MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012H100MF SUPERWORLD-SPS252012H100MF Datasheet
1Mb / 9P
   SMD POWER INDUCTOR
More results

Similar Description - SPS252012ER47MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com