Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS252012ER68MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS252012ER68MF
Description  SMD Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252012ER68MF Datasheet(HTML) 2 Page - Superworld Electronics

  SPS252012ER68MF Datasheet HTML 1Page - Superworld Electronics SPS252012ER68MF Datasheet HTML 2Page - Superworld Electronics SPS252012ER68MF Datasheet HTML 3Page - Superworld Electronics SPS252012ER68MF Datasheet HTML 4Page - Superworld Electronics SPS252012ER68MF Datasheet HTML 5Page - Superworld Electronics SPS252012ER68MF Datasheet HTML 6Page - Superworld Electronics SPS252012ER68MF Datasheet HTML 7Page - Superworld Electronics SPS252012ER68MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4. GENERAL SPECIFICATION :
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
Part No.
SPS252012ER47MF
Inductance
0.47± 20%
( uH )
0.1V/1M
DCR
( Hz )
Frequency
Test
0.027
Isat
5.50
( Ω )Typ.
Typ.
(A)
Isat
4.50
Max.
(A)
5. ELECTRICAL CHARACTERISTICS :
b) Isat : Based on inductance change (ΔL/L0 :
-30%)
c) Irms : Based on temperature rise (ΔT : 40°C) Max
d) Operating temp. : -55° C to 125° C(for products in unopened tape package, less than 40° C)
a) ambient temp. : 25° C
Irms
4.40
Typ.
(A)
SMD Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SPS252012ER68MF
0.68± 20%
0.1V/1M
0.036
4.50
3.80
3.60
SPS252012E1R0MF
1.0± 20%
0.1V/1M
0.045
3.90
3.40
3.50
SPS252012E1R5MF
1.5± 20%
0.1V/1M
0.080
3.00
2.60
2.50
SPS252012E2R2MF
2.2± 20%
0.1V/1M
0.085
2.70
2.30
2.30
SPS252012ER33MF
0.33± 20%
0.1V/1M
0.027
5.70
4.60
4.50
SPS252012ER24MF
0.24± 20%
0.1V/1M
0.020
8.00
6.50
4.70
16.01.2014
SPS252012E SERIES
DCR
0.032
( Ω )Max.
0.043
0.057
0.096
0.102
0.032
0.024


Similar Part No. - SPS252012ER68MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252012D1R0MF SUPERWORLD-SPS252012D1R0MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012D2R2MF SUPERWORLD-SPS252012D2R2MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR47MF SUPERWORLD-SPS252012DR47MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR68MF SUPERWORLD-SPS252012DR68MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012H100MF SUPERWORLD-SPS252012H100MF Datasheet
1Mb / 9P
   SMD POWER INDUCTOR
More results

Similar Description - SPS252012ER68MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com