Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP90A Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 15KP90A
Description  Excellent clamping capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

15KP90A Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  15KP90A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 15KP90A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 15KP90A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 15KP90A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
15KP Series
15000W Axial Leaded
Transient Voltage Suppressors
.
Features
l
Peak power dissipation 15000W @10 x 1000 us Pulse
l
Low profile package.
l
Excellent clamping capability.
l
Glass passivated junction.
l
Fast response time: typically less than 1ps from 0 Volts to BV min
l
Typical IR less than 2uA when VBR min above 36V.
l
IEC 61000-4-2 ESD 30KV(Air), 30KV(Contact)
l
ESD protection of data lines in accordance with IEC 61000-4-2
l
EFT protection of data lines in accordance with IEC 61000-4-4
l
Halogen free and RoHS compliant
l
Lead-free finish
Mechanical Characteristics
l
CASE: R-6 Molded Plastic
l
Mounting Position: Any
l
Polarity: by cathode band denotes uni-directional
device, none cathode band denotes bi-directional
device.
l
Terminal: Solder plated
Maximum Ratings and Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform (Note 1, FIG.1)
PPPM
Min 15000
W
Power Dissipation on Infinite Heat Sink at TL=75°C
PD
8.0
W
Peak Pulse Current of on 10/1000us Waveform (Note 1, FIG.3)
IPPM
See Table 1
A
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave (Note 2)
IFSM
400
A
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2. Measured on 8.3ms single half sine-wave, or equivalent square wave, for Unidirectional device only.
Rev. 2.0, 25-Nov.-16
WWW.SEMITECH.CN
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
25.4
---
1.000
---
B
8.6
9.5
0.34
0.375
C
1.2
1.3
0.048
0.052
D
8.6
9.5
0.340
0.375
Bi-directional
Uni-directional
Cathode
Anode
R-6


Similar Part No. - 15KP90A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP90A EIC-15KP90A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
15KP90A LUGUANG-15KP90A Datasheet
119Kb / 3P
   Transient Voltage Supperssor
logo
Microsemi Corporation
15KP90A MICROSEMI-15KP90A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Digitron Semiconductors
15KP90A DIGITRON-15KP90A Datasheet
166Kb / 4P
   15,000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
15KP90A LITTELFUSE-15KP90A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP90A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com