Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ30CA Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 5.0SMDJ30CA
Description  Excellent clamping capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

5.0SMDJ30CA Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  5.0SMDJ30CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 5.0SMDJ30CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 5.0SMDJ30CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 5.0SMDJ30CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0SMDJ Series
Rev. 2.0, 15-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
5.0SMDJ12A
5.0SMDJ12CA
5PEP 5BEP
12.0
13.30
14.70
10
19.9
252.00
800
5.0SMDJ13A
5.0SMDJ13CA
5PEQ 5BEQ
13.0
14.40
15.90
10
21.5
233.00
500
5.0SMDJ14A
5.0SMDJ14CA
5PER 5BER
14.0
15.60
17.20
10
23.2
216.00
200
5.0SMDJ15A
5.0SMDJ15CA
5PES 5BES
15.0
16.70
18.50
1
24.4
205.00
100
5.0SMDJ16A
5.0SMDJ16CA
5PET 5BET
16.0
17.80
20.50
1
26.0
193.00
50
5.0SMDJ17A
5.0SMDJ17CA
5PEU 5BEU
17.0
18.90
20.90
1
27.6
181.00
20
5.0SMDJ18A
5.0SMDJ18CA
5PEV 5BEV
18.0
20.00
22.10
1
29.2
172.00
10
5.0SMDJ20A
5.0SMDJ20CA
5PEW 5BEW
20.0
22.20
24.50
1
32.4
155.00
5
5.0SMDJ22A
5.0SMDJ22CA
5PEX 5BEX
22.0
24.40
26.90
1
35.5
141.00
5
5.0SMDJ24A
5.0SMDJ24CA
5PEZ 5BEZ
24.0
26.70
29.50
1
38.9
129.00
5
5.0SMDJ26A
5.0SMDJ26CA
5PFE 5BFE
26.0
28.90
31.90
1
42.1
119.00
5
5.0SMDJ28A
5.0SMDJ28CA
5PFG 5BFG
28.0
31.10
34.40
1
45.4
110.00
5
5.0SMDJ30A
5.0SMDJ30CA
5PFK 5BFK
30.0
33.30
36.80
1
48.4
103.00
5
5.0SMDJ33A
5.0SMDJ33CA
5PFM 5BFM
33.0
36.70
40.60
1
53.3
93.90
5
5.0SMDJ36A
5.0SMDJ36CA
5PFP 5BFP
36.0
40.00
44.20
1
58.1
86.10
5
5.0SMDJ40A
5.0SMDJ40CA
5PFR 5BFR
40.0
44.40
49.10
1
64.5
77.60
5
5.0SMDJ43A
5.0SMDJ43CA
5PFT 5BFT
43.0
47.80
52.80
1
69.4
72.10
5
5.0SMDJ45A
5.0SMDJ45CA
5PFV 5BFV
45.0
50.00
55.30
1
72.7
68.80
5
5.0SMDJ48A
5.0SMDJ48CA
5PFX 5BFX
48.0
53.30
58.90
1
77.4
64.70
5
5.0SMDJ51A
5.0SMDJ51CA
5PFZ 5BFZ
51.0
56.70
62.70
1
82.4
60.70
5
5.0SMDJ54A
5.0SMDJ54CA
5PGE 5BGE
54.0
60.00
66.30
1
87.1
57.50
5
5.0SMDJ58A
5.0SMDJ58CA
5PGG 5BGG
58.0
64.40
71.20
1
93.6
53.50
5
5.0SMDJ60A
5.0SMDJ60CA
5PGK 5BGK
60.0
66.70
73.70
1
96.8
51.70
5
5.0SMDJ64A
5.0SMDJ64CA
5PGM 5BGM
64.0
71.10
78.60
1
103.0
48.60
5
5.0SMDJ70A
5.0SMDJ70CA
5PGP 5BGP
70.0
77.80
86.00
1
113.0
44.30
5
5.0SMDJ75A
5.0SMDJ75CA
5PGR 5BGR
75.0
83.00
92.10
1
121.0
41.40
5
5.0SMDJ78A
5.0SMDJ78CA
5PGT 5BGT
78.0
86.00
95.80
1
126.0
39.70
5
5.0SMDJ85A
5.0SMDJ85CA
5PGV 5BGV
85.0
94.00
104.00
1
137.0
36.50
5
5.0SMDJ90A
5.0SMDJ90CA
5PGX 5BGX
90.0
100.00
111.00
1
146.0
34.30
5
5.0SMDJ100A 5.0SMDJ100CA 5PGZ 5BGZ
100.0
111.00
123.00
1
162.0
30.90
5
5.0SMDJ110A 5.0SMDJ110CA 5PHE 5BHE
110.0
122.00
135.00
1
177.0
28.30
5
5.0SMDJ120A 5.0SMDJ120CA 5PHG 5BHG
120.0
133.00
147.00
1
193.0
26.00
5
5.0SMDJ130A 5.0SMDJ130CA 5PHK 5BHK
130.0
144.00
159.00
1
209.0
24.00
5
5.0SMDJ150A 5.0SMDJ150CA 5PHM 5BHM
150.0
167.00
185.00
1
243.0
20.60
5
5.0SMDJ160A 5.0SMDJ160CA 5PHP 5BHP
160.0
178.00
197.00
1
259.0
19.30
5
5.0SMDJ170A 5.0SMDJ170CA 5PHR 5BHR
170.0
189.00
209.00
1
275.0
18.20
5
For Bi-directional type having VRWM of 20 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


Similar Part No. - 5.0SMDJ30CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ30CA MDE-5.0SMDJ30CA Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
5.0SMDJ30CA CHENDA-5.0SMDJ30CA Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
logo
Bourns Electronic Solut...
5.0SMDJ30CA BOURNS-5.0SMDJ30CA Datasheet
202Kb / 6P
   5.0SMDJ Transient Voltage Suppressor Diode Series
REV. 03/20
logo
Littelfuse
5.0SMDJ30CA LITTELFUSE-5.0SMDJ30CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Yangzhou yangjie electr...
5.0SMDJ30CA YANGJIE-5.0SMDJ30CA Datasheet
202Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5.0SMDJ30CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com