Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q12-U36-XP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # Q12-U36-XP
Description  UL8750 and CE compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q12-U36-XP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  Q12-U36-XP Datasheet HTML 1Page - List of Unclassifed Manufacturers Q12-U36-XP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2 
 
www.magtechind.com   Tel: 702‐364‐9998
Units: IN [mm]
1.65 [42.0]
1.02 [26.0]
0.20 [5.0]
1.14 [29.0]
4.76 [121.0]
4.02 [102.0]
2.00 [50.8]
8-32(x2)
4.49 [114.0]
1.01 [25.6]
Units: IN [mm]
1.50 [38.0]
1.09 [27.7]
3.36 [85.3]
3.12 [79.3]
1.26 [32.0]
R0.06 [R1.5]
“Xm” – Stud‐mountable Metal Case 
“Xp” – Plastic Case 
 
De-rating Temp. vs. Load
 
Efficiency vs. Load
 
 
 
 
 
 
 
Power Factor vs. Load
 
THD vs. Load
 
 
 
 
 
 
 
PWM Dimming Curve
 
1-10V Dimming Curve
 
 
 
 
 
 
 
MECHANICAL SPECIFICATION : Q38-UXX-Xz-CYYYY
 
 


Similar Part No. - Q12-U36-XP

ManufacturerPart #DatasheetDescription
logo
Powerbox
Q12-5 POWERBOX-Q12-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - Q12-U36-XP

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
POE-PS-150-001 LSTD-POE-PS-150-001 Datasheet
275Kb / 1P
   FCC and CE approved
logo
TE Connectivity Ltd
M5600 TEC-M5600 Datasheet
135Kb / 4P
   CE Compliant with a Variety of Pressure Ports
logo
Laird Tech Smart Techno...
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
   FCC and CE approved
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40 Datasheet
555Kb / 5P
   CE Marking with EMC and LVD
AYM-60 MINMAX-AYM-60 Datasheet
548Kb / 5P
   CE Marking with EMC and LVD
AJM-24 MINMAX-AJM-24 Datasheet
556Kb / 5P
   CE Marking with EMC and LVD
logo
Crydom Inc.,
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
logo
HB Electronic Component...
MR16-36PCS-W3-GU10 HB-MR16-36PCS-W3-GU10 Datasheet
548Kb / 2P
   CE Approved
logo
List of Unclassifed Man...
UL1970 ETC-UL1970 Datasheet
172Kb / 3P
   OBUDOWA CE 71
UL7523N ETC-UL7523N Datasheet
148Kb / 2P
   OBIDOWA CE 70
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com