Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W.FL2-LP-IN.OUT Datasheet(PDF) 3 Page - Hirose Electric

Part # W.FL2-LP-IN.OUT
Description  Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL2-LP-IN.OUT Datasheet(HTML) 3 Page - Hirose Electric

  W.FL2-LP-IN.OUT Datasheet HTML 1Page - Hirose Electric W.FL2-LP-IN.OUT Datasheet HTML 2Page - Hirose Electric W.FL2-LP-IN.OUT Datasheet HTML 3Page - Hirose Electric W.FL2-LP-IN.OUT Datasheet HTML 4Page - Hirose Electric W.FL2-LP-IN.OUT Datasheet HTML 5Page - Hirose Electric W.FL2-LP-IN.OUT Datasheet HTML 6Page - Hirose Electric W.FL2-LP-IN.OUT Datasheet HTML 7Page - Hirose Electric W.FL2-LP-IN.OUT Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
W.FL2 Series
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
■Cable Assembly(Plug)
[Plugs can be ordered only as terminated cable assemblies.]
3.3
W.FL2-LP-040(06), W.FL2-LP-040HF(06) (Applicable cable : outer diameter 0.81)
3.3
W.FL2-LP-062HF (Applicable cable : outer diameter 1.0)
3.35
W.FL2-LP-032HF(06) (Applicable cable : outer diameter 0.5)


Similar Part No. - W.FL2-LP-IN.OUT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL2-LP-IN.OUT HIROSE-W.FL2-LP-IN.OUT Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results

Similar Description - W.FL2-LP-IN.OUT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com