Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ30CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMDJ30CA
Description  Halogen free and RoHS compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMDJ30CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMDJ30CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ30CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ30CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ30CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ30CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMDJ Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMDJ78A
SMDJ78CA
HGT
IGT
78.0
86.70
95.80
1
126.0
23.8
2
SMDJ85A
SMDJ85CA
HGV
IGV
85.0
94.40
104.00
1
137.0
21.9
2
SMDJ90A
SMDJ90CA
HGX
IGX
90.0
100.00
111.00
1
146.0
20.5
2
SMDJ100A SMDJ100CA
HGZ
IGZ
100.0
111.00
123.00
1
162.0
18.5
2
SMDJ110A SMDJ110CA
HHE
IHE
110.0
122.00
135.00
1
177.0
16.9
2
SMDJ120A SMDJ120CA
HHG
IHG
120.0
133.00
147.00
1
193.0
15.5
2
SMDJ130A SMDJ130CA
HHK
IHK
130.0
144.00
159.00
1
209.0
14.4
2
SMDJ150A SMDJ150CA
HHM
IHM
150.0
167.00
185.00
1
243.0
12.3
2
SMDJ160A SMDJ160CA
HHP
IHP
160.0
178.00
197.00
1
259.0
11.6
2
SMDJ170A SMDJ170CA
HHR
IHR
170.0
189.00
209.00
1
275.0
10.9
2
SMDJ180A SMDJ180CA
HHT
IHT
180.0
200.00
221.00
1
292.0
10.3
2
SMDJ190A SMDJ190CA
HHV
IHV
190.0
211.00
233.00
1
308.0
9.7
2
SMDJ200A SMDJ200CA
HHX
IHX
200.0
224.00
247.00
1
324.0
9.3
2
SMDJ210A SMDJ210CA
HHZ
IHZ
210.0
237.00
263.00
1
340.0
8.8
2
SMDJ220A SMDJ220CA
HIE
IIE
220.0
244.00
270.00
1
356.0
8.4
2
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.
I-V Curve Characteristics
PPPM
Peak Pulse Power Dissipation - Max power dissipation
VRWM Reverse Stand-off Voltage - Maximum voltage that can be applied to TVS without operation
VBR
Breakdown Voltage – Maximum voltage that flows though the TVS at a specified current (IT)
VC
Clamping Voltage – Peak voltage measured across the TVS at a specified IPPM (peak impulse current)
IR
Reverse Leakage Current – Current measured at VR
VF
Forward Voltage Drop for Uni-directional
Bi-directional
Uni-directional


Similar Part No. - SMDJ30CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ30CA MDE-SMDJ30CA Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMDJ30CA TSC-SMDJ30CA Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMDJ30CA SOCAY-SMDJ30CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMDJ30CA LITTELFUSE-SMDJ30CA Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
Anova Technologies CO.,...
SMDJ30CA ANOVA-SMDJ30CA Datasheet
267Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMDJ30CA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com