Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3724IM5X-4.63 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3724IM5X-4.63
Description  5-Pin Microprocessor Reset Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3724IM5X-4.63 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3724IM5X-4.63 Datasheet HTML 4Page - National Semiconductor (TI) LM3724IM5X-4.63 Datasheet HTML 5Page - National Semiconductor (TI) LM3724IM5X-4.63 Datasheet HTML 6Page - National Semiconductor (TI) LM3724IM5X-4.63 Datasheet HTML 7Page - National Semiconductor (TI) LM3724IM5X-4.63 Datasheet HTML 8Page - National Semiconductor (TI) LM3724IM5X-4.63 Datasheet HTML 9Page - National Semiconductor (TI) LM3724IM5X-4.63 Datasheet HTML 10Page - National Semiconductor (TI) LM3724IM5X-4.63 Datasheet HTML 11Page - National Semiconductor (TI) LM3724IM5X-4.63 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications Information (Continued)
TABLE 1. Monitored Tolerance Table
Reset
Threshold
Supply Voltage
2.5V
3.3V
5.0V
4.63 ± %
90.8-94.4%
3.08 ± %
91.8-95.2%
2.32 ± %
90.8-94.8%
Ensuring a Valid Reset Output Down to V
CC =0V
When V
CC falls below 1V, the LM3722 RESET output is
unable to sink the rated current. A high-impedance CMOS
logic input connected to RESET can therefore drift to unde-
termined voltages. To prevent this situation, a 100k
Ω resistor
should be connected from the RESET output to ground, as
shown in
Figure 1.
A 100k
Ω pull-up resistor to V
CC is also recommended for the
LM3723, if RESET is required to remain valid for V
CC < 1V.
Open Drain Output (LM3724)
An open drain output allows easy paralleling of multiple
microprocessor reset circuits without requiring additional
logic gates. Open drain outputs also allow interfacing de-
vices of differing logic levels or families, since the output
pull-up resistor may be connected to any supply voltage up
to 5.5V, regardless of LM3724 V
CC.
The pull up resistor is calculated so that maximum current
flow into RESET is less than 10 mA when activated. The
resistor must be small enough so that the leakage current of
all connected devices does not create an excessive voltage
drop when the output is not activated. A resistor value of 100
k
Ω will generally suffice.
Negative-Going V
CC Transients
The LM3722/LM3723/LM3724 are relatively immune to short
negative-going transients or glitches on V
CC. Figure 2 shows
the maximum pulse width a negative-going V
CC transient
can have without causing a reset pulse. In general, as the
magnitude of the transient increases, going further below the
threshold, the maximum allowable pulse width decreases.
Typically, a V
CC transient that goes 125 mV below the reset
threshold and lasts 40 µs or less will not cause a reset pulse.
A 0.1 µF bypass capacitor mounted as close as possible to
the V
CC pin will provide additional transient rejection.
Interfacing to µPs with Bidirectional Reset Pins
Microprocessors with bidirectional reset pins, such as the
Motorola 68HC11 series, can be connected to the LM3722
RESET output. To ensure a correct output on the LM3722
even when the microprocessor reset pin is in the opposite
state, connect a 4.7k
Ω resistor between the LM3722 RESET
output and the µP reset pin, as shown in
Figure 3. Buffer the
LM3722 RESET output to other system components.
20014410
FIGURE 1. Circuit for RESET Valid from V
CC =0V
20014414
FIGURE 2. Maximum Transient Duration without
Causing a Reset Pulse vs. Reset Comparator
Overdrive
www.national.com
9


Similar Part No. - LM3724IM5X-4.63

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3724IM5X-3.08/NOPB TI1-LM3724IM5X-3.08/NOPB Datasheet
987Kb / 19P
[Old version datasheet]   LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
More results

Similar Description - LM3724IM5X-4.63

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3722 TI1-LM3722 Datasheet
987Kb / 19P
[Old version datasheet]   LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
logo
ACE Technology Co., LTD...
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
logo
Anachip Corp
AP1701 ANACHIP-AP1701 Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com