Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE014F02 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # PE014F02
Description  Sensitive version with 200mW coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PE014F02 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  PE014F02 Datasheet HTML 1Page - TE Connectivity Ltd PE014F02 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature PCB Relay PE bistable (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN60335, par.30
Ambient temperature
-40 to 85°C
70°C at 100% duty factor
Category of environmental protection
IEC 61810
RTII - flux proof
(RTIII - wash tight on request)
Shock resistance (destructive)
>100g
Terminal type
PCB-THT
Resistance to soldering heat THT
IEC 60068-2-20
260°C/10s (flux proof version)
Packaging/unit
tube/25 pcs., box/500 pcs.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
4000V
rms
Initial insulation resistance
open contact circuit
>10x109Ω
coil-contact circuit
>10x109Ω
Clearance/creepage
between contact and coil
≥3.2/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
PCB
Dimensions
1 form C (CO) version
1 form A (NO) version
Product code structure
Typical product code
PE
0
1
4
F12
Type
PE Miniature PCB Relay PE bistable
Version
0
Flux proof
Contact configuration
1
1 form C (CO) contact
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
3
AgSnO
2
Coil
Coil code: please refer to coil versions table
Product code
Version
Contacts
Contact material
Coil
Part number
PE014F02
flux proof
1 form C
AgNi 90/10
bistable
9-1415389-1
PE014F03
1 CO contact
1-coil
1415390-1
PE014F05
polarity F
1-1415390-1
PE014F06
200mW
2-1415390-1
PE014F12
3-1415390-1
PE014F24
5-1415390-1
PE014H02
bistable
7-1415390-1
PE014H03
1-coil
8-1415390-1
PE014H05
polarity H
9-1415390-1
PE014H06
200mW
1415391-1
PE014H12
1-1415391-1
PE014H24
2-1415391-1
PE034F12
1formA
bistable 1 coil
1415544-4
1 NO contact
polarity F 200 mW


Similar Part No. - PE014F02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE014F02 MACOM-PE014F02 Datasheet
154Kb / 2P
   Miniature PCB Relay PE bistable
logo
TE Connectivity Ltd
PE014F02 TEC-PE014F02 Datasheet
261Kb / 2P
   Miniature PCB Relay PE bistable
More results

Similar Description - PE014F02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7005 FAIRCHILD-FAN7005 Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
logo
Micro Commercial Compon...
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
   200mW Switching Diode
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
   200mW Switching Diode
MMBD4448DW MCC-MMBD4448DW_13 Datasheet
293Kb / 3P
   200mW Switching Diodes
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
   Touch-Sensitive Switch with LED Illumination
logo
Micro Commercial Compon...
1N4148X MCC-1N4148X_13 Datasheet
229Kb / 3P
   200mW Switching Diodes
MMBD4448HAQW MCC-MMBD4448HAQW_13 Datasheet
213Kb / 4P
   200mW Switching Diodes
MMBD4448DW MCC-MMBD4448DW Datasheet
242Kb / 3P
   200mW Switching Diodes
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
   200mW Switching Diode
BAV70WT MCC-BAV70WT_11 Datasheet
210Kb / 2P
   200mW Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com