Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1393243-3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 4-1393243-3
Description  Power PCB Relay RT2 DC and AC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393243-3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  4-1393243-3 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393243-3 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393243-3 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393243-3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Power PCB Relay RT2 DC and AC (for global markets) (Continued)
Other Data (continued)
Terminal type
PCB-THT, plug-in
reflow version
PCB-THR
Mounting distance, AC coil
≥2.5mm
Weight
13g
Resistance to soldering heat THT, IEC 60068-2-20
RTII
270°C/10s
RTIII
260°C/5s
Resistance to soldering heat THR
reflow soldering (for reflow version)
forced gas convection 4) or
vapour phase 5)
temperature profile
according EN61730
Packaging/unit
tube/20pcs., box/500pcs.
4) infrared heating not allowed.
5) recommended fluid LS/230.
Accessories
For details see datasheet
Accessories Industrial Power Relay RT
NOTE: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
5000V
rms
between adjacent contacts
2500V
rms
Clearance/creepage
between contact and coil
≥10/10mm
between adjacent contacts
≥3/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250V
reflow version
PTI 175V
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
WG version or reflow version
according EN60335, par30
Ambient temperature
DC coil
-40 to 85°C
AC coil
-40 to 70°C
AgSnO
2 contacts
-40 to 70°C
Category of environmental protection, IEC 61810
standard version
RTII - flux proof, RTIII - wash tight
reflow version
RTII - flux proof
Vibration resistance (functional),
form A/form B contact, 30 to 300Hz
20g/5g
Shock resistance (destructive)
100g
PCB layout / terminal assignment
Bottom view on solder pins
2 form C (CO) contacts
2 form A (NO) contacts
*) With the recommended PCB hole sizes a grid
pattern from 2.5mm to 2.54mm can be used.
Dimensions
Process conditions for Reflow soldering
according to EN61760-1
THT version
THR version (reflow solderable)


Similar Part No. - 4-1393243-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1393243-3 MACOM-4-1393243-3 Datasheet
575Kb / 3P
   Power PCB Relay RT2
4-1393243-3 MACOM-4-1393243-3 Datasheet
575Kb / 3P
   Power PCB Relay RT2
More results

Similar Description - 4-1393243-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RT423730 TEC-RT423730 Datasheet
410Kb / 4P
   Power PCB Relay RT2 DC and AC (for global markets)
logo
Tyco Electronics
2-1393243-3 MACOM-2-1393243-3 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-0 MACOM-2-1393243-0 Datasheet
642Kb / 3P
   Power PCB Relay RT2
RT424005 MACOM-RT424005_05 Datasheet
215Kb / 3P
   Power PCB Relay RT2
RT424005F MACOM-RT424005F Datasheet
542Kb / 3P
   Power PCB Relay RT2
8-1393243-5 MACOM-8-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
2-1393243-1 MACOM-2-1393243-1 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-6 MACOM-2-1393243-6 Datasheet
642Kb / 3P
   Power PCB Relay RT2
1649329-9 MACOM-1649329-9 Datasheet
575Kb / 3P
   Power PCB Relay RT2
RT424A12 MACOM-RT424A12 Datasheet
222Kb / 3P
   Power PCB Relay RT2 bistable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com