Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR6 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SR6
Description  Force Guided Relay on DIN-rail SR6 Z
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SR6 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SR6 Datasheet HTML 1Page - TE Connectivity Ltd SR6 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-2012, Rev. 1012
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Force Guided Relays
n
6 pole relay with force guided contacts according to EN50205
n
DIN rail mounting
n
AC / DC input
Typical applications
contact monitoring in railway, elevator and machine controls
Approvals
relay SR6: VDE, UL, TUV, CQC
module SR6Z: CE
Technical data of approved types on request
Contact Data
Contact arrangement
3 form A (NO) and 3 form B (NC),
4 form A (NO) and 2 form B (NC),
5 form A (NO) and 1 form B (NC)
Rated voltage
250VAC
Max. switching voltage
250VAC
Rated current
8A
Contact material
AgSnO2,
Contact style
single contact, force guided
type A according to EN 50205
Min. recommended contact load
5V, 10mA
Initial contact resistance
≤100mΩ at 1A, 24VDC
≤20Ω at 10mA, 5VDC
Frequency of operation, with/without load
6/150min-1
Contact ratings, IEC60947-5-1,
on 1 form A (NO) contact
AC15-5A
DC13-6A
Mechanical endurance
10x106 operations
Coil Data
Coil voltage range
6 to 115 VAC/VDC,
230VAC
DC energizing voltage Urtd
6, 12, 18, 21, 24, 36, 40, 48, 60, 115VDC
AC/DC energizing voltage Urtd
24, 115VAC/VDC
AC energizing voltage Urtd
230VAC
Operative range
90 to 110% of Urtd
Release voltage (+23°C)
10% of Urtd
Max. coil power DC versions
1200mW
Max. system power AC/DC versions
2400mVA
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
3000Vrms
between adjacent contacts
2000Vrms
Clearance/creepage
between open contacts
microdisconnection
between contact and coil
≥5.5/5.5mm
between adjacent contacts
≥2,8 /2.8mm
Insulation to EN 50178, type of insulation
between contact and coil
reinforced
between adjacent contacts
basic
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
for mounting/handling
0 to 40°C
in operation
-25 to 50°C
SR6ZC 730 only
-25 to 40°C
Terminal type
screwless clamp connectors
Wire cross section
solid wire
2.5mm2
stranded wire
2.5mm2
stranded wire with bootlace crimp
1.5mm2
Mounting position
any
Weight
90g
Packaging unit
2
Force Guided Relay on DIN-rail SR6 Z
F0238-C
54.0 mm (TS35)
Dimensions
S0423-A
Fit onto mounting rails according to
DIN EN 60175
Module width 46 mm
Module length 87 mm


Similar Part No. - SR6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6 MACOM-SR6 Datasheet
227Kb / 4P
   General Purpose Relays
SR6 MACOM-SR6 Datasheet
199Kb / 3P
   Safety Relay SR6
SR6 MACOM-SR6 Datasheet
338Kb / 4P
   Safety Relay SR6
logo
TE Connectivity Ltd
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR6-D TEC-SR6-D Datasheet
334Kb / 2P
   High insulation distances between electrical circuits
More results

Similar Description - SR6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR2ZY024 TEC-SR2ZY024 Datasheet
359Kb / 2P
   Force Guided Relay on DIN-rail SR2 Z
logo
Tyco Electronics
SR6Z MACOM-SR6Z_05 Datasheet
131Kb / 2P
   Safety Relay on DIN-rail SR6 Z
V23050-A1024-A533 MACOM-V23050-A1024-A533 Datasheet
628Kb / 3P
   Force Guided Relay SR6 A/B/C/V
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
   Force Guided Relay SR2M
2-1415012-1 MACOM-2-1415012-1 Datasheet
612Kb / 3P
   Force Guided Relay SR2M
SR6Z MACOM-SR6Z Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
logo
TE Connectivity Ltd
SR4 TEC-SR4 Datasheet
311Kb / 3P
   Force Guided Relay SR4 D/M
logo
Tyco Electronics
2-1415055-1 MACOM-2-1415055-1 Datasheet
553Kb / 3P
   Force Guided Relay SR4 D/M
logo
TE Connectivity Ltd
SR4D TEC-SR4D Datasheet
311Kb / 3P
   Force Guided Relay SR4 D/M
logo
Tyco Electronics
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com