Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1393091-0 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 7-1393091-0
Description  Mechanical indicator as standard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393091-0 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  7-1393091-0 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393091-0 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393091-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Multimode Relay MT
n
2/3 pole 10A, 2 form C (CO) or 3 form C (CO) contacts
n
DC and AC coils
n
Mechanical indicator as standard
n
Electrical indicator
n
New test system with front operated finger protected
push-to-test button and integral locking test tab
n
White write on panel
Typical applications
Mechanical engineering, plant control.
Approvals
VDE Cert. No. 40009096, UL E214025
Technical data of approved types on request.
Contact Data
Contact arrangement
2 form C (CO) or 3 form C (CO)
Rated voltage
240VAC
Max. switching voltage
400VAC
Rated current
10A
10A
Limiting making current, max. 20ms
20A
20A
Limiting breaking current
10A
10A
Switching power
2500VA
2500VA
Contact material
AgNi90/10
AgNi90/10
-
gold plated
Contact style
single
single
contact
contact
Min. recommended contact load
12V
20mV
at 10mA
at 1mA
Initial voltage drop
30mV at 100mA/6VAC/1kHz
Frequency of operation, with/without load
1200/6000h-1
Operate time max., DC coil
15ms
Release time max., DC coil
10ms
Bounce time max., DC coil, form A/form B
4/10ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
MT22 DC coil C (CO)
10A, 250VAC, cos
φ=1, 35°C
100x103
MT22 AC coil C (CO)
10A, 250VAC, cos
φ=1, 35°C
20x103
MT32 DC coil C (CO)
10A, 250VAC, cos
φ=1, 35°C
100x103
MT32 AC coil C (CO)
10A, 250VAC, cos
φ=1, 35°C
20x103
UL 508
MT3
A (NO)/B (NC) B300, 40°C
6.000
MT2
C (CO)
10A, 250VAC, resistive, 40°
30x103
MT2
A (NO)/B (NC) B300 40°C
6.000
MT3
C (CO)
10A, 250VAC, resistive, 40°C
100x103
Contact Data (continued)
Mechanical endurance
DC coil
20x106 operations
AC coil
20x106 operations
Coil Data
Coil voltage range
6 to 220VDC
6 to 230VAC
Operative range, IEC 61810
2
Coil insulation system according UL
class 130 (B)
Coil versions, DC coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
PD3)
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)2)
W
006
0A6
6
4.5
0.6
32
1.1
012
0B2
12
9.0
1.2
110
1.3
024
0C4
24
18.0
2.4
475
1.2
048
0E8
48
36.0
4.8
2000
1.2
060
0G0
60
45.0
6.0
2850
1.3
110
1B0
110
82.5
11.5
100001)
1.2
220
2C0
220
165.0
22.0
400002)
1.2
1) Coil resistance ±12%, 2) Coil resistance ±15%.
3) Protection diode PD; standard polarity: 2-pole relays: +2 / -7, 3-pole relays: +2 / -10.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil versions, AC coil, 50/60Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ω±10%1)
VA
006
6
4.8/5.1
1.8
5.3
2.29/1.98
012
12
9.6/10.2
3.6
24
2.19/1.86
024
24
19.2/20.4
7.2
86
2.26/1.95
048
48
38.4/40.8
14.4
345
2.28/1.97
060
60
48.0/51.0
18.0
544
2.27/1.96
115
115
92.0/97.8
34.5
2000
2.37/2.00
230
230
184.0/195.5
69.0
83001)
2.32/1.96
1) Coil resistance ±12%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Z


Similar Part No. - 7-1393091-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1393099-1 MACOM-7-1393099-1 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
7-1393099-1 TEC-7-1393099-1 Datasheet
250Kb / 3P
   Octal type termination for quick installation
logo
Tyco Electronics
7-1393099-3 MACOM-7-1393099-3 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
7-1393099-3 TEC-7-1393099-3 Datasheet
250Kb / 3P
   Octal type termination for quick installation
logo
Tyco Electronics
7-1393099-6 MACOM-7-1393099-6 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
More results

Similar Description - 7-1393091-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
   Mechanical and electrical indicator
logo
Samtec, Inc
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
logo
SELEC Controls Pvt. Ltd
PIC152N SELEC-PIC152N Datasheet
915Kb / 2P
   Standard Process Indicator
logo
TE Connectivity Ltd
PT270024 TEC-PT270024 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
American Electronic Com...
30C20 AEC-30C20 Datasheet
689Kb / 5P
   Arc Covers as standard
logo
Samtec, Inc
ASP-130368-01 SAMTEC-ASP-130368-01 Datasheet
386Kb / 2P
   NOT AVAILABLE AS STANDARD.
ASP-129646-01 SAMTEC-ASP-129646-01 Datasheet
173Kb / 2P
   NOT AVAILABLE AS STANDARD
logo
American Electronic Com...
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
   Dust Cover as standard
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com