Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA-3528IT Datasheet(PDF) 5 Page - Kingbright Corporation

Part # KA-3528IT
Description  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528IT Datasheet(HTML) 5 Page - Kingbright Corporation

  KA-3528IT Datasheet HTML 1Page - Kingbright Corporation KA-3528IT Datasheet HTML 2Page - Kingbright Corporation KA-3528IT Datasheet HTML 3Page - Kingbright Corporation KA-3528IT Datasheet HTML 4Page - Kingbright Corporation KA-3528IT Datasheet HTML 5Page - Kingbright Corporation KA-3528IT Datasheet HTML 6Page - Kingbright Corporation KA-3528IT Datasheet HTML 7Page - Kingbright Corporation KA-3528IT Datasheet HTML 8Page - Kingbright Corporation KA-3528IT Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1-KA-3528-5
Super Bright Green KA-3528SGC, KA-3528SGT
Super Bright Yellow KA-3528SYC, KA-3528SYT


Similar Part No. - KA-3528IT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KA-3528CGCKT TO-GRACE-KA-3528CGCKT Datasheet
920Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
logo
Kingbright Corporation
KA-3528F3C KINGBRIGHT-KA-3528F3C Datasheet
131Kb / 5P
   IBFRA-RED EMITTING DIODES
KA-3528F4C KINGBRIGHT-KA-3528F4C Datasheet
131Kb / 5P
   IBFRA-RED EMITTING DIODES
KA-3528MWC KINGBRIGHT-KA-3528MWC Datasheet
121Kb / 4P
   3.5x2.8mm SURFACE MOUNT LED LAMP
KA-3528PWC KINGBRIGHT-KA-3528PWC Datasheet
103Kb / 4P
   3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Similar Description - KA-3528IT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAD3528PBC KINGBRIGHT-AAD3528PBC Datasheet
87Kb / 4P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528EMBSGC KINGBRIGHT-AAA3528EMBSGC Datasheet
138Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKCGKC KINGBRIGHT-AAA3528SURKCGKC Datasheet
153Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKSGC KINGBRIGHT-AAA3528SURKSGC Datasheet
87Kb / 1P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AA3528 KINGBRIGHT-AA3528 Datasheet
123Kb / 6P
   3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS
logo
LUMEX INC.
SML-LX2832LYC-TR LUMEX-SML-LX2832LYC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832DRC-TR LUMEX-SML-LX2832DRC-TR Datasheet
65Kb / 1P
   2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
SML-LX2832SRC-TR LUMEX-SML-LX2832SRC-TR Datasheet
67Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832PGC-TR LUMEX-SML-LX2832PGC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832SRC+B-TR LUMEX-SML-LX2832SRC+B-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com