Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H.FL-LP-N Datasheet(PDF) 6 Page - Hirose Electric

Part # H.FL-LP-N
Description  75 廓 Small Coaxial Connectors (SMT Low Profi le)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H.FL-LP-N Datasheet(HTML) 6 Page - Hirose Electric

  H.FL-LP-N Datasheet HTML 1Page - Hirose Electric H.FL-LP-N Datasheet HTML 2Page - Hirose Electric H.FL-LP-N Datasheet HTML 3Page - Hirose Electric H.FL-LP-N Datasheet HTML 4Page - Hirose Electric H.FL-LP-N Datasheet HTML 5Page - Hirose Electric H.FL-LP-N Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
H.FL75 Series75
Ω Small Coaxial Connectors (SMT Low Profile)
BHigh Frequency Characteristics of related 75 Ω Hirose products
●BNC (75) Series
100
100
100
100
BNC(75)-BPJ-1.5CV-※
BNC(75)-BPJ-1.5CV-※
BNC(75)-BPJ-1.5CV-※
PL71-LP-1.5C(40)
BNC(75)-BPJ-1.5CV-※
PL71-LP-1.5CV
BNC(75)J-H.FLJ-BPA(40)
H.FL75-2LPG-084N※-L
Frequency[GHz]
Frequency[GHz]
Frequency[GHz]
Frequency[GHz]
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 3/2014. Contents are subject to change without notice for the purpose of improvements.
6-3,Nakagawa Chuoh-2-Chome,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
●PL71 Series
●PL75 Series
●H.FL75 Series


Similar Part No. - H.FL-LP-N

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
H.FL-LP-N HIROSE-H.FL-LP-N Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
More results

Similar Description - H.FL-LP-N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Molex Electronics Ltd.
85349-0006 MOLEX-85349-0006 Datasheet
205Kb / 2P
   Low Profi le SMT Connector Front I/O - EMI proof
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com