Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-3511-05-0300 Datasheet(PDF) 3 Page - PIC GmbH

Part # HS-3511-05-0300
Description  Various switching sensivity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

HS-3511-05-0300 Datasheet(HTML) 3 Page - PIC GmbH

  HS-3511-05-0300 Datasheet HTML 1Page - PIC GmbH HS-3511-05-0300 Datasheet HTML 2Page - PIC GmbH HS-3511-05-0300 Datasheet HTML 3Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HS-3511-05-0300
Unipolar 2 - Wire
Flatpack Hall Effect Sensor
HS-3511-05-0300
Page
of 3
Rev. 1.0, 03.11.2016, (006, 001, 009)
hs3511_05_0300_ds_e_1.0
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
info@pic-gmbh.com
pic-gmbh.com
Magnetic Approach (for example)
3
Switching Type
Temp. koeff. of
On point B
ON
Off point B
OFF
Hysteresis BHYS 1)
magnetic thresh.
[mT]
[mT]
[mT]
TC [ppm/K]
Min.
Typ.
Max.
Min.
Typ. Max.
Min.
Typ.
Max.
latching
0
tbd.
6.0
tbd.
tbd.
4.0
tbd.
-
2.0
-
A
B
C
D
E
F
1) The hysteresis is the difference between the switching points BHYS = BON - BOFF
Magnetic Characteristics
Off-center position of sensing point
* sensing point
unipolar type
ON
OFF
OFF
S
ON
OFF
S
N
N
frontal
slide by
Sensing point
turning
*
ON
ON
*
*
*
A
B
C
D
E
F


Similar Part No. - HS-3511-05-0300

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
HS-3511-01-0300 PIC-HS-3511-01-0300 Datasheet
165Kb / 3P
   Various switching sensivities
HS-3511-02-0300 PIC-HS-3511-02-0300 Datasheet
204Kb / 3P
   Various switching sensivities
HS-3511-03-0300 PIC-HS-3511-03-0300 Datasheet
163Kb / 3P
   Various switching sensivities
HS-3511-04-0300 PIC-HS-3511-04-0300 Datasheet
198Kb / 3P
   Various switching sensivities
More results

Similar Description - HS-3511-05-0300

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
HS-2210M-01-0300 PIC-HS-2210M-01-0300 Datasheet
128Kb / 1P
   Various switching sensivity
HS-2212M-01-0300 PIC-HS-2212M-01-0300 Datasheet
132Kb / 3P
   Various switching sensivity
HS-2210M-03-0300 PIC-HS-2210M-03-0300 Datasheet
152Kb / 3P
   Various switching sensivity
HS-2212M-05-0300 PIC-HS-2212M-05-0300 Datasheet
179Kb / 3P
   Various switching sensivity
HS-2210M-02-0300 PIC-HS-2210M-02-0300 Datasheet
154Kb / 3P
   Various switching sensivity
HS-2212M-04-0300 PIC-HS-2212M-04-0300 Datasheet
192Kb / 3P
   Various switching sensivities
HS-3511-04-0300 PIC-HS-3511-04-0300 Datasheet
198Kb / 3P
   Various switching sensivities
HS-2210M-04-0300 PIC-HS-2210M-04-0300 Datasheet
192Kb / 3P
   Various switching sensivities
HS-3511-01-0300 PIC-HS-3511-01-0300 Datasheet
165Kb / 3P
   Various switching sensivities
HS-2210M-05-0300 PIC-HS-2210M-05-0300 Datasheet
179Kb / 3P
   Various switching sensivities
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com