Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A765KN687M0JLAE012 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A765KN687M0JLAE012
Description  Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A765KN687M0JLAE012 Datasheet(HTML) 1 Page - Kemet Corporation

  A765KN687M0JLAE012 Datasheet HTML 1Page - Kemet Corporation A765KN687M0JLAE012 Datasheet HTML 2Page - Kemet Corporation A765KN687M0JLAE012 Datasheet HTML 3Page - Kemet Corporation A765KN687M0JLAE012 Datasheet HTML 4Page - Kemet Corporation A765KN687M0JLAE012 Datasheet HTML 5Page - Kemet Corporation A765KN687M0JLAE012 Datasheet HTML 6Page - Kemet Corporation A765KN687M0JLAE012 Datasheet HTML 7Page - Kemet Corporation A765KN687M0JLAE012 Datasheet HTML 8Page - Kemet Corporation A765KN687M0JLAE012 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4070_A765 • 12/13/2016
One world. One KEMET
Benefits
• Surface mount form factor
• Miniature
• Ultra low impedance
• High ripple current
• 105°C/2,000 hours
• RoHS compliant
Overview
KEMET’s A765 Series of Surface Mount Conductive Polymer
Aluminum Solid Electrolytic Capacitors offer longer life and
greater stability across a wide range of temperatures. The
A765 Series highly conductive solid polymer electrolyte
eliminates the risk of explosion from drying out and due
to its low ESR properties is able to withstand higher ripple
currents during normal operation. The A765 Series are
ideally suited for industrial and commercial applications.
Applications
Typical applications include mobile phone chargers,
computer motherboards, servers and consumer electronics.
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A765 Series, 105°C
Part Number System
A
765
EB
397
M
0E
LA
E020
Capacitor
Class
Series
Size Code
Capacitance
Code (pF)
Tolerance
Rated Voltage
(VDC)
Packaging
ESR
A = Aluminum
Suface Mount
Conductive
Polymer Solid
Capacitor
105°C
2,000 Hour
Ultra Low
Impedance
See Dimension
Table
First two digits
represent
significant
figures for
capacitance
values. Last
digit specifies
the number
of zeros to be
added.
M = ±20%
2.5 = 0E
4 = 0G
6.3 = 0J
10 = 1A
16 = 1C
25 = 1E
35 = 1V
LA = Tape &
Reel
Last 3 digits
represent
significant
figures for ESR
values.
(mΩ)
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - A765KN687M0JLAE012

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A765KN107M1ELAE024 KEMET-A765KN107M1ELAE024 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 100 uF, 20%, 25 V, -55/105C
A765KN107M1ELAE024 KEMET-A765KN107M1ELAE024_17 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 100 uF, 20%, 25 V, -55/105C
A765KN108M0ELAE012 KEMET-A765KN108M0ELAE012 Datasheet
59Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 1000 uF, 20%, 2.5 V, -55/105C
A765KN158M0ELAE010 KEMET-A765KN158M0ELAE010 Datasheet
74Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 1500 uF, 20%, 2.5 V, -55/105C
A765KN158M0ELAE010 KEMET-A765KN158M0ELAE010_17 Datasheet
74Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 1500 uF, 20%, 2.5 V, -55/105C
More results

Similar Description - A765KN687M0JLAE012

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com