Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A765EB186M1VLAE085 Datasheet(PDF) 11 Page - Kemet Corporation

Part # A765EB186M1VLAE085
Description  Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A765EB186M1VLAE085 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button A765EB186M1VLAE085 Datasheet HTML 7Page - Kemet Corporation A765EB186M1VLAE085 Datasheet HTML 8Page - Kemet Corporation A765EB186M1VLAE085 Datasheet HTML 9Page - Kemet Corporation A765EB186M1VLAE085 Datasheet HTML 10Page - Kemet Corporation A765EB186M1VLAE085 Datasheet HTML 11Page - Kemet Corporation A765EB186M1VLAE085 Datasheet HTML 12Page - Kemet Corporation A765EB186M1VLAE085 Datasheet HTML 13Page - Kemet Corporation A765EB186M1VLAE085 Datasheet HTML 14Page - Kemet Corporation A765EB186M1VLAE085 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4070_A765 • 12/13/2016
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A765 Series, 105°C
Re-Flow Soldering
The soldering conditions should be within the specified conditions below:
• Do not dip the capacitors body into the melted solder.
• Flux should only be applied to the capacitors terminals.
• Vapour heat transfer systems are not recommended. The system should be thermal, such as infra-red radiation or hot
blast.
• Observe the soldering conditions as shown below.
• Do not exceed these limits and avoid repeated reflowing.
Time
period
T1
T2
T3
Φ < 8
Φ ≥ 8
Temperature (ºC)
≤ 200
≤ 230
≤ 260
≤ 240
Time (seconds)
60 – 180
≤ 50
≤ 40
≤ 40
Maximum Temperature: ≤ 275 Times ≤ 2


Similar Part No. - A765EB186M1VLAE085

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A765EB106M1VLAE085 KEMET-A765EB106M1VLAE085 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 10 uF, 20%, 35 V, -55/105C
A765EB106M1VLAE085 KEMET-A765EB106M1VLAE085_17 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 10 uF, 20%, 35 V, -55/105C
A765EB107M1CLAE025 KEMET-A765EB107M1CLAE025 Datasheet
64Kb / 1P
   A765, Polymer Aluminum, 105C LowZ, 100 uF, 20%, 16 VDC, -55/105C
More results

Similar Description - A765EB186M1VLAE085

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com