Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1609 Datasheet(PDF) 3 Page - TT Electronics.

Part # 1609
Description  Manufactured ROHS compliant pb-free terminations
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

1609 Datasheet(HTML) 3 Page - TT Electronics.

  1609 Datasheet HTML 1Page - TT Electronics. 1609 Datasheet HTML 2Page - TT Electronics. 1609 Datasheet HTML 3Page - TT Electronics. 1609 Datasheet HTML 4Page - TT Electronics. 1609 Datasheet HTML 5Page - TT Electronics. 1609 Datasheet HTML 6Page - TT Electronics. 1609 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
123
09.09
Welwyn Components
A
B
C
D
E
F
G
H
J
K
Type
max
max
max
nom
max
max
nom
±.25
max
1601
33.0
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
59
1905
56.1
14.5
6.55
4.5
5.0
17.5
10
3.0
M3
-
1600
61.5
14.5
6.55
4.5
5.0
17.5
10
3.0
M3
-
1602
51.0
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
77
1906
64.3
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
90
1603
74.5
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
101
1604
102
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
128
1605
89.5
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
122
1908
102
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
134
1607
102
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
134
1606
166
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
198
1608
152
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
184
1609
216
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
248
Terminations
Styles B, 4B, AP and AW are available in all 13 tube sizes.
Styles C, CB and CP are available in sizes 1601 to 1609
inclusive, 1906 and 1908
Lugs (Figure 2): Pb free solder coated nickel iron. Denoted
by prefix B to size reference, thus B1602
Pigtails (Figure 3): 14/.193 mm copper, 150 mm minimum
length. Denoted by prefix AP, thus AP1602
Rigid wires (Figure 4): 1.2 mm diameter tinned copper, 32
mm minimum length.
Denoted by prefix AW, thus: AW1602
Lugs with screws, nuts and washers (Figure 5): Nickel
plated brass screws and nuts. Denoted by prefix 4B,
thus: 4B1602.
Ferrule, electrically isolated (Figure 6) Connection to
resistor via Pb free solder coated nickle iron lugs. Denoted
by prefix CB, thus: CB1602.
Ferrule, electrically live (Figure 7) Nickel plated brass.
Denoted by prefix C, thus: C1602.
Ferrule, electrically isolated (Figure 8): Connection to
resistor via pigtails of 14/.193 mm copper, 150mm
minimum length. Denoted by prefix CP thus: CP1602
Marking The resistors are legend marked with type
reference, resistance value, tolerance and manufacturing
date code. Value marking conforms to IEC 62.
Solvent resistance: The vitreous coating and marking are
resistant to all accepted industrial cleaning fluids.
Physical Data
Table 2 Dimensions in millimetres. See fig 2-8 for styles
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
123
09.09
Welwyn Components
A
B
C
D
E
F
G
H
J
K
Type
max
max
max
nom
max
max
nom
±.25
max
1601
33.0
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
59
1905
56.1
14.5
6.55
4.5
5.0
17.5
10
3.0
M3
-
1600
61.5
14.5
6.55
4.5
5.0
17.5
10
3.0
M3
-
1602
51.0
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
77
1906
64.3
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
90
1603
74.5
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
101
1604
102
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
128
1605
89.5
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
122
1908
102
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
134
1607
102
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
134
1606
166
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
198
1608
152
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
184
1609
216
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
248
Terminations
Styles B, 4B, AP and AW are available in all 13 tube sizes.
Styles C, CB and CP are available in sizes 1601 to 1609
inclusive, 1906 and 1908
Lugs (Figure 2): Pb free solder coated nickel iron. Denoted
by prefix B to size reference, thus B1602
Pigtails (Figure 3): 14/.193 mm copper, 150 mm minimum
length. Denoted by prefix AP, thus AP1602
Rigid wires (Figure 4): 1.2 mm diameter tinned copper, 32
mm minimum length.
Denoted by prefix AW, thus: AW1602
Lugs with screws, nuts and washers (Figure 5): Nickel
plated brass screws and nuts. Denoted by prefix 4B,
thus: 4B1602.
Ferrule, electrically isolated (Figure 6) Connection to
resistor via Pb free solder coated nickle iron lugs. Denoted
by prefix CB, thus: CB1602.
Ferrule, electrically live (Figure 7) Nickel plated brass.
Denoted by prefix C, thus: C1602.
Ferrule, electrically isolated (Figure 8): Connection to
resistor via pigtails of 14/.193 mm copper, 150mm
minimum length. Denoted by prefix CP thus: CP1602
Marking The resistors are legend marked with type
reference, resistance value, tolerance and manufacturing
date code. Value marking conforms to IEC 62.
Solvent resistance: The vitreous coating and marking are
resistant to all accepted industrial cleaning fluids.
Physical Data
Table 2 Dimensions in millimetres. See fig 2-8 for styles
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - 1609

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1609 WELWYN-1609 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
1609 ETC2-1609 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
TT Electronics.
1609 TTELEC-1609 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
1609-2 ETC2-1609-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1609-2 ETC2-1609-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
More results

Similar Description - 1609

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
   Pb-free/RoHS-compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
   Pb Free/RoHS Compliant
logo
TT Electronics.
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
QSOP TTELEC-QSOP Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
   RoHS compliant and Pb free
10.30.13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com