Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTBH0N25L3-0-T3-G Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTBH0N25L3-0-T3-G
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBH0N25L3-0-T3-G Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTBH0N25L3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTBH0N25L3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTBH0N25L3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBH0N25L3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBH0N25L3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBH0N25L3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBH0N25L3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBH0N25L3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBH0N25L3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C895L3
Issued Date : 2016.11.26
Revised Date :
Page No. : 5/9
MTBH0N25L3
Preliminary
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0
10
2030
405060
7080
90 100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.5
0.7
0.9
1.1
1.3
1.5
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
ID, Drain Current(A)
Pulsed
Ta=25°C
VDS=15V
VDS=10V
Gate Charge Characteristics
0
2
4
6
8
10
02
4
6
8
10
12
14
Qg, Total Gate Charge(nC)
VDS=125V
VDS=200V
ID=1A
Maximum Safe Operating Area
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
RDS(ON)
Limited
DC
10ms
100ms
1ms
100
μs
10
μs
TA=25°C, Tj=150°C,
RθJA=50°C/W,
Single Pulse
Maximum Drain Current vs Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
VGS=10V, RθJA=50°C/W


Similar Part No. - MTBH0N25L3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBH0N25J3 CYSTEKEC-MTBH0N25J3 Datasheet
433Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTBH0N25J3-0-T3-G CYSTEKEC-MTBH0N25J3-0-T3-G Datasheet
433Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTBH0N25L3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com