Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2633 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 2Page - National Semiconductor (TI) LM2633 Datasheet HTML 3Page - National Semiconductor (TI) LM2633 Datasheet HTML 4Page - National Semiconductor (TI) LM2633 Datasheet HTML 5Page - National Semiconductor (TI) LM2633 Datasheet HTML 6Page - National Semiconductor (TI) LM2633 Datasheet HTML 7Page - National Semiconductor (TI) LM2633 Datasheet HTML 8Page - National Semiconductor (TI) LM2633 Datasheet HTML 9Page - National Semiconductor (TI) LM2633 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TABLE 1. Shut Down Latch Truth Table
Input
Output
ovp1
ovp2
uvp1
uvp2
uvplr
new
vid
ch1 on
ch2 on
fault
ssto1
ssto2
uv_delay
latch off
10
Σ=1
0
1
1
Σ=1
0
1
1
0
1
0
1
cap
1
1
1
0
1
cap
1
1
Σ =1
0
Σ = 1
cap
1
All other combinations
0
Note 1: ’
Σ=1’ means at least one variable is high.
Note 2: ’Fault’ is the logic OR of UVLO and thermal shutdown.
Note 3: ’Cap’ means the pin has a capacitor of appropriate value between it and ground.
Note 4: Positive logic is used.
Note 5: For meanings of the variables, refer to the block diagrams.
Note 6: A blank value means ’don’t care’.
TABLE 2. Power Good Truth Table
Input
Output
ovp1
ovp2
uvpg1
uvpg2
uvpglr
new
vid
ch1 on
ch2 on
fault
latch off
PGOOD
1
0
1
0
1
0
1
0
1
0
10
π =0
0
10
10
All other combinations
1
Note 7:
″π =0″ means at least one variable is low.
Note 8: Positive logic is used.
Note 9: A blank value means ’don’t care’.
Note 10: For meanings of the variables, refer to the block diagrams.
TABLE 3. VID Code and DAC Output
VID4
VID3
VID2
VID1
VID0
DAC Voltage (V)
11111
No CPU*
11110
0.925
11101
0.950
11100
0.975
11011
1.000
11010
1.025
11001
1.050
11000
1.075
10111
1.100
10110
1.125
10101
1.150
10100
1.175
10011
1.200
10010
1.225
www.national.com
6


Similar Part No. - LM2633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Similar Description - LM2633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com